Electronic Components Datasheet Search
  English  ▼

X  

AP1187 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1187
Description  1A Ultra Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1187 Datasheet(HTML) 1 Page - Anachip Corp

  AP1187 Datasheet HTML 1Page - Anachip Corp AP1187 Datasheet HTML 2Page - Anachip Corp AP1187 Datasheet HTML 3Page - Anachip Corp AP1187 Datasheet HTML 4Page - Anachip Corp AP1187 Datasheet HTML 5Page - Anachip Corp AP1187 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP1187
1A Ultra Low Dropout Positive Adjustable Regulator
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Aug 23, 2005
1/6
Features
•
Adjustable output voltage
•
0.6V Maximum Dropout voltage at 1.0A Load
current
•
Built-in Thermal Shutdown
•
Output Current Limiting
•
Fast transient response
•
Good noise rejection
•
Package: SOP-7L
Applications
•
PC Motherboard
•
LCD Monitor
•
Graphic Card
•
DVD-Video Player
•
NIC/Switch
•
Telecom Equipment
•
ADSL Modem
•
Printer and other Peripheral Equipment
General Description
AP1187 is a 1A regulator with extremely low
dropout voltage. This product is specifically
designed to provide well regulated supply for
applications requiring 2.8V or lower voltages from
3.3V ATX power supplies where high efficiency of a
switcher can be achieved without the cost and
complexity associated with switching regulator. One
such application is the new graphic chip sets that
require anywhere from 2.4V to 2.7V supply.
Pin Assignments
1
2
3
4
7
6
5
NC
SOP-7L
AP1187
( Top View )
V
SENSE
ADJ
V
IN
V
CTRL
V
OUT
V
IN
Pin Descriptions
Name
Description
ADJ
A resistor divider from this pin to the VOUT
pin and ground sets the output voltage.
VSENSE
This pin is the positive side of the
reference
that
allows
remote
load
sensing
to
achieve
excellent
load
regulation. A minimum of 10uF capacitor
must be connected from this pin to
ground to insure stability.
VIN
The input of the regulator.
VCTRL
This pin is the supply pin for the internal
control circuit as well as the base drive
for the pass transistor.
NC
Not used.
VOUT
The output of the regulator.


Similar Part No. - AP1187

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
logo
Diodes Incorporated
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184 DIODES-AP1184 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
Anachip Corp
AP1184K5 ANACHIP-AP1184K5 Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
logo
Diodes Incorporated
AP1184K5 DIODES-AP1184K5 Datasheet
313Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
More results

Similar Description - AP1187

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1150 UNISEM-US1150 Datasheet
34Kb / 5P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117_10 Datasheet
179Kb / 12P
1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
1.5A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com