Electronic Components Datasheet Search
  English  ▼

X  

2N3866 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N3866
Description  isc Silicon NPN Planar Epitaxial OverlayTransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3866 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3866 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3866 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Planar Epitaxial OverlayTransistor
2N3866
DESCRIPTION
·
High Gain Bandwidth Product
fT= 500 MHz (Min.)
·
Low Collector Capacitance;
CC = 3 pF Max.
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in output, driver or pre-driver stagesin
VHF and UHF equipment.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
55
V
VCER
Collector-Emitter Voltage RBE= 10Ω
55
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Collector Current-Continuous
0.4
A
PC
Collector Power Dissipation
@TC=25℃
3.5
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~+200
℃


Similar Part No. - 2N3866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3866 PHILIPS-2N3866 Datasheet
45Kb / 9P
Silicon planar epitaxial overlay transistors
1995 Oct 27
logo
Semicoa Semiconductor
2N3866 SEMICOA-2N3866 Datasheet
31Kb / 1P
Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
Microsemi Corporation
2N3866 MICROSEMI-2N3866 Datasheet
331Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Semiconductor
2N3866 ASI-2N3866 Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
Central Semiconductor C...
2N3866 CENTRAL-2N3866 Datasheet
22Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N3866

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1907 HITACHI-2SC1907 Datasheet
39Kb / 7P
Silicon NPN Epitaxial Planar
2SC2776 HITACHI-2SC2776 Datasheet
24Kb / 5P
Silicon NPN Epitaxial Planar
2SC460 HITACHI-2SC460 Datasheet
51Kb / 13P
Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC994 ETC2-2SC994 Datasheet
134Kb / 2P
SILICON NPN EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS616 TOSHIBA-TPS616_07 Datasheet
209Kb / 6P
Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1907 RENESAS-2SC1907 Datasheet
164Kb / 6P
Silicon NPN Epitaxial Planar
2SD2115 RENESAS-2SD2115 Datasheet
145Kb / 6P
Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com