Electronic Components Datasheet Search
  English  ▼

X  

KTA1046 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # KTA1046
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KTA1046 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  KTA1046 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KTA1046 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistors
KTA1046
DESCRIPTION
·
Low Saturation Voltage-
: VCE(sat)= -1.0V(Max)@ (IC= -2A, IB= -0.2A)
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -60V(Min)
·
Complement to Type KTC2026
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in general purpose applications .
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-3
A
IB
Base Current
-0.5
A
PC
Collector Power Dissipation
TC=25℃
25
W
Collector Power Dissipation
Ta=25℃
2
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - KTA1046

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1046 KEC-KTA1046 Datasheet
338Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (INDUSTRIAL USE, GENERAL PURPOSE)
KTA1046 KEC-KTA1046 Datasheet
687Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
KTA1046 KEC-KTA1046 Datasheet
687Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTA1046 FOSHAN-KTA1046 Datasheet
912Kb / 6P
Silicon PNP transistor in a TO-220F Plastic Package.
logo
Guangdong Kexin Industr...
KTA1046-G KEXIN-KTA1046-G Datasheet
1Mb / 2P
PNP Transistors
More results

Similar Description - KTA1046

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com