Electronic Components Datasheet Search
  English  ▼

X  

CLP30-200B1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # CLP30-200B1
Description  OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP30-200B1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CLP30-200B1 Datasheet HTML 3Page - STMicroelectronics CLP30-200B1 Datasheet HTML 4Page - STMicroelectronics CLP30-200B1 Datasheet HTML 5Page - STMicroelectronics CLP30-200B1 Datasheet HTML 6Page - STMicroelectronics CLP30-200B1 Datasheet HTML 7Page - STMicroelectronics CLP30-200B1 Datasheet HTML 8Page - STMicroelectronics CLP30-200B1 Datasheet HTML 9Page - STMicroelectronics CLP30-200B1 Datasheet HTML 10Page - STMicroelectronics CLP30-200B1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CLP30-200B1
9/11
Fig.8 : TEST CIRCUIT FOR ISWOFF PARAMETER : GO - NO GO TEST
R
-V
BAT
- 48 V
=
Surge
generator
D.U.T.
TIPL or RINGL
GND
This is a GO-NO GO test which allows to confirm the switch-off current (IH) level in functional test
circuit.
TEST PROCEDURE
- Adjust the current level at the ISWOFF value by short circuiting the D.U.T
- Fire the D.U.T with a surge current : IPP = 10 A, 10/1000
µs
- The D.U.T will come back to the off-state within a duration of 50 ms max.
1.6
3
6
100
1000
Rsense ( Ohms )
Iswon negative surge ( mA )
Iswon - @ 0°C Iswon - @ +25°C Iswon - @ +70°C
Fig. 9 : Typical variation of switching-on current
(positive or negative) versus RSENSE resistor and
junction temperature (see test condition Fig. 11).
1.6
3
6
100
1000
Rsense ( Ohms )
Iswon @ 25°C ( mA )
Iswon + min Iswon + max Iswon - min Iswon - max
Fig. 10 : Variation of switching-on current versus
RSENSE at 25 °C.
TIPL
TIPS
GND
Rsense
RINGL RINGS
±
R
RL
I1
48 V
DUT
Fig. 11 : ISWON MEASUREMENT
- ISWON = l1 when the CLP30-200B1 switches on (l1 is
progressively increased using R)
- Both TIP and RING sides of the CLP30-200B1 are
checked
-RL=10
Ω.
020
40
60
80
0.4
0.6
0.8
1
1.2
1.4
Temperature (°C)
I
[Tj°C] / I
[25°C]
SWOFF
SWOFF
fig. 12 : Relative variation of switching-off current
versus junction temperature (for RSENSE between
3 and 10
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com