Electronic Components Datasheet Search
  English  ▼

X  

3038121 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3038121
Description  STS 6
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3038121 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3038121 Datasheet HTML 1Page - PHOENIX CONTACT 3038121 Datasheet HTML 2Page - PHOENIX CONTACT 3038121 Datasheet HTML 3Page - PHOENIX CONTACT 3038121 Datasheet HTML 4Page - PHOENIX CONTACT 3038121 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STS 6 Order No.: 3038121
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3038121
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 10, 2011
Inflammability class acc. to UL 94
V0
Dimensions
Width
8.2 mm
Length
58 mm
Height NS 35/7.5
50 mm
Height NS 35/15
57.5 mm
Technical data
Maximum load current
52 A (with 10 mm2 conductor cross section)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
41 A
Nominal voltage UN
800 V
Open side panel
ja
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
10 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
6 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
8
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
6 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
6 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
1.5 mm²
Type of connection
Spring-cage connection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com