Electronic Components Datasheet Search
  English  ▼

X  

LM19264BBC Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM19264BBC
Description  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM19264BBC Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM19264BBC Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TOPWAY
LCD Module User Manual
LM19264BBC
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM19264BBC-Manual-Rev0.1.doc
Page: 6 of 10
3.3
AC Characteristics
VSS=0V, VDD =5V, TOP =25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
E cycle time
tc
1500
-
-
ns
E high level width
twh
700
-
-
ns
E low level width
twl
700
-
-
ns
E rise time
tr
-
-
18
ns
E fall time
tf
-
-
18
ns
Address set-up time
tasu
210
-
-
ns
Address hold time
tah
15
-
-
ns
Data set-up time
tdsu
300
-
-
ns
Data delay time
td
-
-
480
ns
Data hold time (write)
tdhw
15
-
-
ns
Data hold time (read)
tdhr
30
-
-
ns
Host Write Timing Diagram
Host Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com