Electronic Components Datasheet Search
  English  ▼

X  

LM158 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM158
Description  Industry-Standard Dual Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM158 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM158 Datasheet HTML 17Page - Texas Instruments LM158 Datasheet HTML 18Page - Texas Instruments LM158 Datasheet HTML 19Page - Texas Instruments LM158 Datasheet HTML 20Page - Texas Instruments LM158 Datasheet HTML 21Page - Texas Instruments LM158 Datasheet HTML 22Page - Texas Instruments LM158 Datasheet HTML 23Page - Texas Instruments LM158 Datasheet HTML 24Page - Texas Instruments LM158 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
4
8
12
16
20
24
28
32
36
40
Time ( s)
VOUT
C001
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
2
4
6
8
10
Time ( s)
VOUT
C001
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Frequency (kHz)
CMRR
C001
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
40
V+ Supply Voltage (Vdc)
RL=20K
RL=2K
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0
5
10
15
20
25
30
Supply Voltage (Vdc)
–55C
0C
125C
0
2
4
6
8
10
12
14
16
18
20
–55
–35
–15
5
25
45
65
85
105
125
Temperature (°C)
5Vdc
15Vdc
30Vdc
21
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V
www.ti.com
SLOS068W – JUNE 1976 – REVISED OCTOBER 2019
Product Folder Links: LM158 LM158A LM258 LM258A LM358 LM358A LM358B LM358BA LM2904 LM2904B
LM2904BA LM2904V
Submit Documentation Feedback
Copyright © 1976–2019, Texas Instruments Incorporated
7.12 Typical Characteristics
Typical characteristics section is applicable for LM158, LM158A, LM258, LM258A, LM358, LM358A, LM2904, and LM2904V.
Figure 39. Input Current vs Temperature
Figure 40. Supply Current vs Supply Voltage
Figure 41. Voltage Gain vs Supply Voltage
Figure 42. Common-Mode Rejection Ratio vs Frequency
Figure 43. Voltage Follower Large Signal Response (50 pF)
Figure 44. Voltage Follower Small Signal Response (50 pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com