Electronic Components Datasheet Search
  English  ▼

X  

LM24064FDW Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM24064FDW
Description  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM24064FDW Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM24064FDW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TOPWAY
LCD Module User Manual
LM24064FDW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM24064FDW-Manual-
Rev0.1
Page: 6 of 10
3.3
AC Characteristics
VSS=0V, VDD=5.0V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
C/D Setup Time
tcds
130
-
-
ns
C/D Hold Time
tcdh
13
-
-
ns
/CE,/RD,/WR Pulse Width
tce, trd, twr
100
-
-
ns
Data Setup Time
tds
100
-
-
ns
Data Hold Time
tdh
50
-
-
ns
Access Time
tacc
-
-
190
ns
Output Hold Time
toh
-
-
65
ns
Note: *1. Input signal rise/fall time should be less than 20ns
Bus Timing Diagram
3.3.1 Reset Timing
VSS=0V, VDD=5.0V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset Time
tr
-
-
100
µs
Reset LOW pulse width
trw
100
-
-
µs
Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com