Electronic Components Datasheet Search
  English  ▼

X  

OPA207IDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207IDBVR
Description  OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207IDBVR Datasheet(HTML) 4 Page - Texas Instruments

  OPA207IDBVR Datasheet HTML 1Page - Texas Instruments OPA207IDBVR Datasheet HTML 2Page - Texas Instruments OPA207IDBVR Datasheet HTML 3Page - Texas Instruments OPA207IDBVR Datasheet HTML 4Page - Texas Instruments OPA207IDBVR Datasheet HTML 5Page - Texas Instruments OPA207IDBVR Datasheet HTML 6Page - Texas Instruments OPA207IDBVR Datasheet HTML 7Page - Texas Instruments OPA207IDBVR Datasheet HTML 8Page - Texas Instruments OPA207IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
OPA207
SBOS826D – DECEMBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input current must be limited to 10 mA.
(3)
Short circuit to ground, one amplifier per package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, Vs = (V+) – (V–)
36
V
Input voltage - Common-mode(2)
(V–) -0.7
(V+) +0.7
V
Input voltage - Differential
–1
1
V
Output short-circuit(3)
Continuous
Operating temperature
–55
125
°C
Junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, Vs = (V+) – (V–)
Single Supply
4.5
30
36
V
Dual Supply
±2.25
±15
±18
V
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package ThermalMetrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
OPA207
UNIT
DGK (VSSOP)
D (SOIC)
DBV (SOT-23)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
176.7
121.5
166.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
63.9
64.3
116.9
°C/W
RθJB
Junction-to-board thermal resistance
99.4
65.0
63.2
°C/W
ψJT
Junction-to-top characterization parameter
8.8
18.2
45
°C/W
ψJB
Junction-to-board characterization parameter
97.6
64.3
62.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com