Electronic Components Datasheet Search
  English  ▼

X  

GSB128 Datasheet(PDF) 1 Page - ABB

Part # GSB128
Description  2-PC INNER SLVE CONN SLV I.D. 0.128
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

GSB128 Datasheet(HTML) 1 Page - ABB

  GSB128 Datasheet HTML 1Page - ABB GSB128 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-PC INNER SLVE CONN SLV I.D. 0.128
GSB128
Extended Product Type
GSB128
Product ID
7TAI029060R0003
EAN
5414363113652
Catalog Description
2-PC INNER SLVE CONN SLV I.D. 0.128
Long Description
Two Piece Inner Sleeve Connector for Hexagonal Range, Length 5/16 Inch/7.9mm, Inner Diameter .128
Inches/3.25mm, Outer Diameter .152 Inches/3.86mm, Color Silver, Hard Bronze, Tin Plated
—
General Information
5414363113652
EAN
8536904000
Customs Tariff Number
Ordering
—
.001 lb
.454 g
Product Net Weight
Dimensions
—
1000 piece
Package Level 1 Units
2.8 in
71 mm
Package Level 1 Width
2.3 in
58 mm
Package Level 1 Height
3.3 in
84 mm
Package Level 1 Depth / Length
10000 piece
Package Level 2 Units
6.5 in
165 mm
Package Level 2 Width
4 in
102 mm
Package Level 2 Height
12.25 in
311 mm
Package Level 2 Depth / Length
Container Information
—
Shield-Kon
Brand / Label
Gray
Color
Additional Information
—


Similar Part No. - GSB128

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB11110KEU AMPHENOL-GSB11110KEU Datasheet
210Kb / 2P
UNIVERSAL SERIAL BUS RECEPTACLE SERIES A STANDARD STRAIGHT PCB MOUNT
GSB11121KEU AMPHENOL-GSB11121KEU Datasheet
210Kb / 2P
UNIVERSAL SERIAL BUS RECEPTACLE SERIES A STANDARD STRAIGHT PCB MOUNT
logo
GTM CORPORATION
GSB1132 GTM-GSB1132 Datasheet
258Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GSB1132 ETL-GSB1132 Datasheet
261Kb / 3P
The GSB1132 is a epitaxial planar type PNP silicon transistor
logo
GTM CORPORATION
GSB1386 GTM-GSB1386 Datasheet
273Kb / 3P
P N P E PI TA XI A L SI L I C O N T R A N SI S T O R
More results

Similar Description - GSB128

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC222 VITALCONN-SC222 Datasheet
348Kb / 3P
SFP2*2 CAGECONN
SC223 VITALCONN-SC223 Datasheet
325Kb / 3P
SFP2*2 CAGECONN
SC281XX VITALCONN-SC281XX Datasheet
488Kb / 4P
SFP28 2*8 CONN
SN211 VITALCONN-SN211 Datasheet
305Kb / 3P
SFP2*1CAGE CONN
SN212 VITALCONN-SN212 Datasheet
314Kb / 3P
SFP2*1CAGE CONN
SN214 VITALCONN-SN214 Datasheet
310Kb / 3P
SFP2*1CAGE CONN
SN221 VITALCONN-SN221 Datasheet
393Kb / 3P
SFP2*2CAGE CONN
SN222 VITALCONN-SN222 Datasheet
405Kb / 3P
SFP2*2CAGE CONN
SN223 VITALCONN-SN223 Datasheet
400Kb / 3P
SFP2*2CAGE CONN
SN242 VITALCONN-SN242 Datasheet
544Kb / 3P
SFP2*4CAGE CONN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com