Electronic Components Datasheet Search
  English  ▼

X  

83C196MD Datasheet(PDF) 14 Page - Intel Corporation

Part # 83C196MD
Description  INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C196MD Datasheet(HTML) 14 Page - Intel Corporation

Back Button 83C196MD Datasheet HTML 10Page - Intel Corporation 83C196MD Datasheet HTML 11Page - Intel Corporation 83C196MD Datasheet HTML 12Page - Intel Corporation 83C196MD Datasheet HTML 13Page - Intel Corporation 83C196MD Datasheet HTML 14Page - Intel Corporation 83C196MD Datasheet HTML 15Page - Intel Corporation 83C196MD Datasheet HTML 16Page - Intel Corporation 83C196MD Datasheet HTML 17Page - Intel Corporation 83C196MD Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
8XC196MD
EXPLANATION OF AC SYMBOLS
Each symbol is two pairs of letters prefixed by ‘‘T’’ for time The characters in a pair indicate a signal and its
condition respectively Symbols represent the time between the two signalcondition points
Conditions
Signals
H
High
L
Low
V
Valid
X
No Longer Valid
Z
Floating
A
Address
B
BHE
C
CLKOUT
D
DATA
G
Buswidth
H
HOLD
HA
HLDA
L
ALEADV
BR
BREQ
R
RD
W
WR WRH WRL
X
XTAL1
Y
READY
Q
Data Out
AC ELECTRICAL CHARACTERISTICS (Over Specified Operating Conditions)
Test Conditions Capacitive load on all pins e 100 pF Rise and fall times e 10 ns FOSC e 16 MHz
The system must meet the following specifications to work with the 87C196MD
Symbol
Parameter
Min
Max
Units
Notes
FXTAL
Frequency on XTAL1
8
16
MHz
3
TOSC
1FXTAL
625
125
ns
TAVYV
Address Valid to READY Setup
2 TOSC b 75
ns
TLLYV
ALE Low to READY Setup
TOSC b 70
ns
4
TYLYH
Not READY Time
No Upper Limit
ns
TCLYX
READY Hold after CLKOUT Low
0
TOSC b 30
ns
1
TLLYX
READY Hold after ALE Low
TOSC b 15
2 TOSC b 40
ns
1
TAVGV
Address Valid to BUSWIDTH Setup
2 TOSC b 75
ns
TLLGV
ALE Low to BUSWIDTH Setup
TOSC b 60
ns
4
TCLGX
Buswidth Hold after CLKOUT Low
0
ns
TAVDV
Address Valid to Input Data Valid
3 TOSC b 55
ns
2
TRLDV
RD Active to Input Data Valid
TOSC b 22
ns
2
TCLDV
CLKOUT Low to Input Data Valid
TOSC b 50
ns
TRHDZ
End of RD to Input Data Float
TOSC
ns
TRXDX
Data Hold after RD Inactive
0
ns
NOTES
1 If Max is exceeded additional wait states will occur
2 If wait states are used add 2 TOSC
N where N e number of wait states
3 Testing performed at 8 MHz However the device is static by design and will typically operate below 1 Hz
4 These timings are included for compatibility with older b90 and BH products They should not be used for newer high-
speed designs
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com