Electronic Components Datasheet Search
  English  ▼

X  

147255 Datasheet(PDF) 1 Page - Adels-Contact

Part # 147255
Description  AC 164 BU/ 5 OV white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

147255 Datasheet(HTML) 1 Page - Adels-Contact

  147255 Datasheet HTML 1Page - Adels-Contact 147255 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/11/2019
Connectors System AC 164
Plug and Socket Connectors Tall Version
AC 164 BU/ 5 OV white
Socket, 5 pole, white, Coding: 1 (Mains), Voltage Rating: 240/400 V,
Current Rating: 16 A, Cross-Section: 1.5 mm², Connection Type: Screw
Order Info
Reference Number (ref. no.)
147255
Applications
Lighting, Installation, Electrical Appliances
PU
100
EAN
4028012122387
Type
Type
Socket
Number of poles
5 pole
Clamping Units per Pole
1
Colour
white
Coding
1 (Mains)
Cross-Section
1.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
240/400 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
1.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0 mm


Similar Part No. - 147255

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
147255 RAACO-147255 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
Weidmuller
1472550000 WEIDMULLER-1472550000 Datasheet
325Kb / 4P
SL 7.62HP/08/270G 3.2SN OR BX
More results

Similar Description - 147255

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
147055 ADELS-147055 Datasheet
119Kb / 2P
AC 164 BU/ 5 white
12/11/2019
147222 ADELS-147222 Datasheet
114Kb / 2P
AC 164 BU/ 2 OV pastel blue
12/11/2019
147225 ADELS-147225 Datasheet
114Kb / 2P
AC 164 BU/ 5 OV pastel blue
12/11/2019
147252 ADELS-147252 Datasheet
140Kb / 2P
AC 164 BU/ 2 OV white
12/11/2019
147253 ADELS-147253 Datasheet
141Kb / 2P
AC 164 BU/ 3 OV white
12/11/2019
147254 ADELS-147254 Datasheet
141Kb / 2P
AC 164 BU/ 4 OV white
12/11/2019
147262 ADELS-147262 Datasheet
114Kb / 2P
AC 164 BU/ 2 OV black
12/11/2019
147263 ADELS-147263 Datasheet
114Kb / 2P
AC 164 BU/ 3 OV black
12/11/2019
147264 ADELS-147264 Datasheet
114Kb / 2P
AC 164 BU/ 4 OV black
12/11/2019
147265 ADELS-147265 Datasheet
114Kb / 2P
AC 164 BU/ 5 OV black
12/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com