Electronic Components Datasheet Search
  English  ▼

X  

149554 Datasheet(PDF) 1 Page - Adels-Contact

Part # 149554
Description  AC 164 BC/ 4 white
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

149554 Datasheet(HTML) 1 Page - Adels-Contact

  149554 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/11/2019
Connectors System AC 164
Plug and Socket Connectors Tall Version
AC 164 BC/ 4 white
Fixing Clip, 4 pole, white
Order Info
Reference Number (ref. no.)
149554
Applications
Installation
PU
150
EAN
4028012122134
Type
Type
Fixing Clip
Number of poles
4 pole
Colour
white
Technical Data
Insulating Material
PA 6.6
Flammability Rating
V-2
max. Ambient Temperature Operation
100 °C


Similar Part No. - 149554

ManufacturerPart #DatasheetDescription
logo
Heyco.
14955 HEYCO-14955 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Atom Lighting
14955 ATOM-14955 Datasheet
1Mb / 4P
AT6024
23rd of January 2025 08:39:11
logo
Evolt
14955 EKTOR-14955 Datasheet
222Kb / 2P
DALI-2 CONSTANT CURRENT DRIVER
31st of January 2025 07:12:41
logo
Adels-Contact
149552 ADELS-149552 Datasheet
114Kb / 1P
AC 164 BC/ 2 white
12/11/2019
149553 ADELS-149553 Datasheet
115Kb / 1P
AC 164 BC/ 3 white
12/11/2019
More results

Similar Description - 149554

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
146054 ADELS-146054 Datasheet
120Kb / 2P
AC 164 ST/ 4 white
12/11/2019
147054 ADELS-147054 Datasheet
119Kb / 2P
AC 164 BU/ 4 white
12/11/2019
149552 ADELS-149552 Datasheet
114Kb / 1P
AC 164 BC/ 2 white
12/11/2019
149553 ADELS-149553 Datasheet
115Kb / 1P
AC 164 BC/ 3 white
12/11/2019
149555 ADELS-149555 Datasheet
115Kb / 1P
AC 164 BC/ 5 white
12/11/2019
149564 ADELS-149564 Datasheet
117Kb / 1P
AC 164 BC/ 4 black
12/11/2019
146454 ADELS-146454 Datasheet
121Kb / 2P
AC 164 STF/ 4 white
09/12/2019
147454 ADELS-147454 Datasheet
122Kb / 2P
AC 164 BUF/ 4 white
09/12/2019
148654 ADELS-148654 Datasheet
120Kb / 2P
AC 164 EBU/ 4 white
09/12/2019
148754 ADELS-148754 Datasheet
120Kb / 2P
AC 164 EST/ 4 white
09/12/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com