Electronic Components Datasheet Search
  English  ▼

X  

GRF2012 Datasheet(PDF) 7 Page - Guerrilla RF, Inc.

Part # GRF2012
Description  Broadband Linear Gain Block 0.05 to 6.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2012 Datasheet(HTML) 7 Page - Guerrilla RF, Inc.

Back Button GRF2012 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2012 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2012 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2012 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2012 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2012 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2012 Datasheet HTML 9Page - Guerrilla RF, Inc. GRF2012 Datasheet HTML 10Page - Guerrilla RF, Inc. GRF2012 Datasheet HTML 11Page - Guerrilla RF, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
GRF2012
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc All rights reserved.
Revision Date: 06/10/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Broadband Linear Gain Block
0.05 to 6.0 GHz
GRF2012 Evaluation Board S-Pars and Stability Mu Factor: (0.4 to 3.8 GHz Match)
Note: Mu factor >= 1.0 implies unconditional stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com