Electronic Components Datasheet Search
  English  ▼

X  

PCI6611 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI6611
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6611 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI6611 Datasheet HTML 45Page - Texas Instruments PCI6611 Datasheet HTML 46Page - Texas Instruments PCI6611 Datasheet HTML 47Page - Texas Instruments PCI6611 Datasheet HTML 48Page - Texas Instruments PCI6611 Datasheet HTML 49Page - Texas Instruments PCI6611 Datasheet HTML 50Page - Texas Instruments PCI6611 Datasheet HTML 51Page - Texas Instruments PCI6611 Datasheet HTML 52Page - Texas Instruments PCI6611 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 204 page
background image
3−1
3 Feature/Protocol Descriptions
The following sections give an overview of the PCI6x21/PCI6x11 controller. Figure 3−1 shows the connections to the
PCI6x21/PCI6x11 controller. The PCI interface includes all address/data and control signals for PCI protocol. The
interrupt interface includes terminals for parallel PCI, parallel ISA, and serialized PCI and ISA signaling.
PCI Bus
PCI6x21/
PCI6x11
EEPROM
Power Switch
SD/MMC
PC
Card/
UltraMedia
Card
Power
Switch
PC
Card/
UltraMedia
Card
Power Switch
SD/MMC
MS/MSPRO
SM/xD
Figure 3−1. PCI6x21/PCI6x11 System Block Diagram
3.1
Power Supply Sequencing
The PCI6x21/PCI6x11 controller contains 3.3-V I/O buffers with 5-V tolerance requiring a core power supply and
clamp voltages. The core power supply is always 1.5 V. The clamp voltages can be either 3.3 V or 5 V, depending
on the interface. The following power-up and power-down sequences are recommended.
The power-up sequence is:
1.
Power core 1.5 V.
2.
Apply the I/O voltage.
3.
Apply the analog voltage.
4.
Apply the clamp voltage.
The power-down sequence is:
1.
Remove the clamp voltage.
2.
Remove the analog voltage.
3.
Remove the I/O voltage.
4.
Remove power from the core.
NOTE: If the voltage regulator is enabled, then steps 2, 3, and 4 of the power-up sequence
and steps 1, 2, and 3 of the power-down sequence all occur simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com