Electronic Components Datasheet Search
  English  ▼

X  

PT4476 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4476
Description  100-W 8.5-A Programmable Isolated DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4476 Datasheet(HTML) 2 Page - Texas Instruments

  PT4476 Datasheet HTML 1Page - Texas Instruments PT4476 Datasheet HTML 2Page - Texas Instruments PT4476 Datasheet HTML 3Page - Texas Instruments PT4476 Datasheet HTML 4Page - Texas Instruments PT4476 Datasheet HTML 5Page - Texas Instruments PT4476 Datasheet HTML 6Page - Texas Instruments PT4476 Datasheet HTML 7Page - Texas Instruments PT4476 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4470 Series Comparison
Output Voltage
Configuration for
Functionality
Program Range
Current Sharing
PT4471
Regulator
1.3V– 3.5V
N+1 with other PT4471s
PT4472
Regulator
1.3V– 3.5V
With PT4495 boosters
PT4495
PT4472 Booster
N/A
Used only with PT4472
PT4473
Regulator
4.6V–5.7V
N+1 with other PT4473s
PT4474
Regulator
4.6V–5.7V
With PT4494 boosters
PT4494
PT4474 Booster
N/A
Used only with PT4474
PT4475
Regulator
6.5V– 17.5V
N+1 with other PT4475s
PT4476
Regulator
6.5V–17.5V
With PT4493 boosters
PT4493
PT4476 Booster
N/A
Used only with PT4476
PT4476—24V
100-W 8.5-A Programmable
Isolated DC/DC Converter
Specifications (Unless otherwise stated, Ta =25°C, Vin =24V, Vo =12V, Co =0µF, and Io =Iomax)
PT4476
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0
—
8.5 (1)
A
Input Voltage Range
Vin
Over Io Range
18
24
36
VDC
Set Point Voltage Tolerance
Vo tol
—
±1
±1.5
%Vo
Temperature Variation
Regtemp
–40°
≤Tcase ≤ +100°C, Io =0
—
±0.5
—
%Vo
Line Regulation
Regline
Over Vin range
—
±0.1
±1
%Vo
Load Regulation
Regload
Over Io range
—
±0.5
±1
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
—
±2±3%Vo
–40°
≤Tcase ≤ +100°C
Efficiency
η
Io =5A
89
—
%
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
—
120
150
mVpp
Transient Response
ttr
0.1A/µs load step, 50% to 75% Iomax
—
N/A
—
µs
∆Vtr
Vo over/undershoot
—
1
—
%Vo
1A/µs load step, 50% to 100% Iomax
—
200
—
µs
Vo over/undershoot
—
±5
—
%Vo
Current Limit
Ilim
Vin =18V, ∆Vo = –1%
—10
—
A
foldback continuous limit
Current Share Tolerance
Ishr tol
with PT4493 booster
—
±10
—
%
Over-Voltage Protection
OVP
Shutdown and latch off
—
125
—
%Vo
Switching Frequency
ƒs
Over Vin range
270
300
350
kHz
Under-Voltage Lockout
UVLO
—
17
—
V
Inhibit (Pin 3)
Referenced to –Vin (pin 2)
Input High Voltage
VIH
2.5
—
Open (2)
V
Input Low Voltage
VIL
–0.5
—
+0.8
Input Low Current
IIL
—
–0.2
—
mA
Standby Input Current
Iin standby
pins 3 & 2 connected
—
4
10
mA
Internal Input Capacitance
Cin
—3
—µF
External Output Capacitance
Cout
Between +Vo and –Vo
0
—
10,000
µF
Isolation Voltage
Input–output/input–case
1500
—
—
V
Capacitance
Input to output
—
1100
—
pF
Resistance
Input to output
10
—
—
M
Ω
Operating Temperature Range
Tc
Case temperature, over Vin range
-40
—
+100 (3)
°C
Over-Temperature Shutdown
OTP
Case temperature, auto reset
—
110
—
°C
Storage Temperature
Ts
—
-40
—
+125
°C
Reliability
MTBF
Per Bellcore TR-332
1.7
—
—
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
—
Per Mil-Std-883D, method 2002.3,
—
500
—
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
—
Mil-Std-883D, Method 2007.2
Horizontal
—
20 (4)
—G’s
20-2000Hz, pcb mounted
Weight
—
—
—
90
—
grams
Flammability
—
Materials meet UL 94V-0
Notes:
(1) The maximum output current is limited to 8.5A or 100/VOUT, whichever is less.
(2) The Inhibit (pin 3) has an internal pull-up, which if left open circuit allows the converter to operate when input power is applied. The open-circuit is
limited to 6.5V. Refer to the application notes for interface considerations.
(3) See Safe Operating Area curves or contact the factory for the appropriate derating.
(4) The case pins on through-hole pin configuration (suffix A) must be soldered. For more information see the applicable package outline drawing.
Programming Information
VID4=1
VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1
1
1
1
10.0V
6.50V
1
1
1
0
10.5V
6.75V
1
1
0
1
11.0V
7.00V
1
1
0
0
11.5V
7.25V
1
0
1
1
12.0V
7.50V
1
0
1
0
12.5V
7.75V
1
0
0
1
13.0V
8.00V
1
0
0
0
13.5V
8.25V
0
1
1
1
14.0V
8.50V
0
1
1
0
14.5V
8.75V
0
1
0
1
15.0V
9.00V
0
1
0
0
15.5V
9.25V
0
0
1
1
16.0V
9.50V
0
0
1
0
16.5V
9.75V
0
0
0
1
17.0V
10.00V
0
0
0
0
17.5V
10.25V
Logic 0 = Connect to (–)Remote Sense, pin 20
Logic 1 = Open circuit (no pull-up resistors)
VID3 & VID4 must not be changed while the unit is operating.
# This specification covers only the PT4476 regulator and PT4493 current booster.
#
#



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com