Electronic Components Datasheet Search
  English  ▼

X  

TCB Datasheet(PDF) 1 Page - AVX Corporation

Part # TCB
Description  COTS-Plus Polymer Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCB Datasheet(HTML) 1 Page - AVX Corporation

  TCB Datasheet HTML 1Page - AVX Corporation TCB Datasheet HTML 2Page - AVX Corporation TCB Datasheet HTML 3Page - AVX Corporation TCB Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
98
The TCB series is a COTS-Plus version of the professional grade
TCR polymer series.
FEATURES
• Robust design for long operation lifetime
• Statistical screening with Accelerated Ageing
• Surge testing level option
• Improved basic reliability 0.5%/1000hrs
• Humidity 85°C/85%RH, Vr, 500/1000 hours
• - 55 to +125°C operation temperature
• Shock and Vibration by MIL-STD-202
• DCL 0.1 CV
• 3x reflow 260°C compatible
• Benign failure mode under recommended use conditions
APPLICATIONS
LonglifetimeDC/DCconverterapplicationsinTelecommunications,Industrial,Avionics.
L
S
A
A
W
1
W
H
XXXXX
106 V
AVX LOGO
Polymer
Capacitance Value in pF
106 = 10µF
Rated Voltage
V = 35V
ID Code
Polarity
Band
(Anode+)
CASE DIMENSIONS: millimeters (inches)
Code
EIA
Code
EIA
Metric
L±0.20
(0.008)
W+0.20 (0.008)
-0.10 (0.004)
H+0.20 (0.008)
-0.10 (0.004)
W1±0.20
(0.008)
A+0.30 (0.012)
-0.20 (0.008)
S Min.
B
1210
3528-21 3.50 (0.138) 2.80 (0.110)
1.90 (0.075)
2.20 (0.087) 0.80 (0.031)
1.40 (0.055)
D
2917
7343-31 7.30 (0.287) 4.30 (0.169)
2.90 (0.114)
2.40 (0.094) 1.30 (0.051)
4.40 (0.173)
Y
2917
7343-20 7.30 (0.287) 4.30 (0.169)
2.00 (0.079)
max
2.40 (0.094) 1.30 (0.051)
4.40 (0.173)
W
1 dimension applies to the termination width for A dimensional area only.
CAPACITANCE AND RATED VOLTAGE, V
R (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)
Capacitance
Rated Voltage
µF
Code
2.5(e)
4V(G)
6.3V(J)
10V(A)
16V(C)
20V(D)
25V(E)
35V(V)
10
106
D(70)
15
156
D(70)
22
226
B(70)
B(70)
D(70)
33
336
B(70)
B(70)
D(70)
D(70)
47
476
B(70)
B(70)
D(65)
D(70)
68
686
B(70)
D(70)
D(70)
100
107
B(70)
B(70)
D(55)
150
157
D(40)
D(55)
220
227
D(40), Y(40)
D(40)
D(35)
330
337
D(40)
D(40)
470
477
D(40)
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.
MARKING
B, D, Y CASE
Released Ratings (ESR ratings in mOhms in parentheses)
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher voltage ratings in the same case size to the same reliability standards
TCB Series
COTS-Plus Polymer Capacitor
070119


Similar Part No. - TCB

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
TCB SEI-TCB Datasheet
235Kb / 4P
Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
logo
Toshiba Semiconductor
TCB001FNG TOSHIBA-TCB001FNG Datasheet
787Kb / 27P
CDMOS Linear Integrated Circuit Silicon Monolithic
TCB001HQ TOSHIBA-TCB001HQ Datasheet
1Mb / 25P
Maximum Power 45W BTL x 4-ch Audio Power IC
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
CMOS Linear Integrated Circuit Silicon Monolithic
logo
Stackpole Electronics, ...
TCB10 SEI-TCB10 Datasheet
235Kb / 4P
Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
More results

Similar Description - TCB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NBME687M001CSB07 AVX-NBME687M001CSB07 Datasheet
119Kb / 3P
OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
TBJSERIES AVX-TBJSERIES Datasheet
150Kb / 6P
COTS-Plus ??DSCC Dwgs 07016 & 95158
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
TWC AVX-TWC Datasheet
123Kb / 2P
TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
NBM AVX-NBM Datasheet
118Kb / 2P
NBM Multianodes OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
NBS AVX-NBS Datasheet
125Kb / 3P
NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
logo
Kemet Corporation
T543D156K035AHE100 KEMET-T543D156K035AHE100 Datasheet
2Mb / 26P
COTS Polymer Electrolytic
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Kemet Corporation
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
T540 KEMET-T540 Datasheet
1Mb / 24P
COTS Polymer Electrolytic for High Reliability Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com