Electronic Components Datasheet Search
  English  ▼

X  

0805AC101MAT2A Datasheet(PDF) 2 Page - AVX Corporation

Part # 0805AC101MAT2A
Description  High Voltage MLC Chips
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805AC101MAT2A Datasheet(HTML) 2 Page - AVX Corporation

  0805AC101MAT2A Datasheet HTML 1Page - AVX Corporation 0805AC101MAT2A Datasheet HTML 2Page - AVX Corporation 0805AC101MAT2A Datasheet HTML 3Page - AVX Corporation 0805AC101MAT2A Datasheet HTML 4Page - AVX Corporation 0805AC101MAT2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
94
High Voltage MLC Chips
For 600V to 5000V Applications
Case Size
0805
1206
1210
1808
1812
Soldering
Reflow/Wave
Reflow/Wave
Reflow Only
Reflow Only
Reflow Only
(L) Length
mm
2.10 ± 0.20
3.30 + 0.30
3.30 + 0.40
4.60 + 0.50
4.60 + 0.50
(in.)
(0.085 ± 0.008)
(0.130 + 0.012)
(0.130 + 0.016)
(0.181 + 0.020)
(0.177 + 0.012)
W) Width
mm
1.25 ± 0.2 0
1.60 +0.30/-0.10
2.50 + 0.30
2.00 + 0.20
3.20 + 0.30
(in.)
(0.049 ± 0.008)
(0.063 +0.012/-0.004)
(0.098 + 0.012)
(0.079 + 0.008)
(0.126 + 0.008)
(T) Thickness
mm
1.35
1.80
2.80
2.20
2.80
(in.)
(0.053)
(0.071)
(0.110)
(0.087)
(0.100)
(t) Terminal
mm
0.50 + 0.20
0.60 + 0.20
0.75 + 0.35
0.75 + 0.35
0.75 + 0.35
(in.)
(0.020 + 0.008)
(0.0 4 + 0.008)
(.030 0.014)
(.030 0.014)
(.030 0.014)
Voltage (V)
600 630 1000 600 630 1000 1500 2000 600 630 1000 1500 2000 3000 600 630 1000 1500 2000 2500 3000 4000 600 630 1000 1500 2000 2500 3000 4000
Cap (pF)
.5 0R5
A
C
1.0 1R0
A
C
1.2 1R2
A
C
1.5 1R5 A
A
C
X
X
X
X
X
1.8 1R8 A
A
C
X
X
X
X
X
2.2 2R2 A
A
C
X
X
X
X
X
C
C
C
C
C
2.7 2R7 A
A
C
X
X
X
X
X
C
C
C
C
C
C
C
3.3 3R3 A
A
C
X
X
X
X
X
C
C
C
C
C
C
C
3.9 3R9 A
A
C
X
X
X
X
X
C
C
C
C
C
C
C
4.7 4R7 A
A
C
X
X
X
X
X
C
C
C
C
C
C
C
5.6 5R6 A
A
C
X
X
X
X
X
C
C
C
C
C
C
C
6.8 6R8 A
A
C
X
X
X
X
X
C
C
C
C
C
C
C
8.2 8R2 A
A
C
X
X
X
X
X
C
C
C
C
C
C
C
10 100 A
A
C
X
X
X
X
X
C
M
M
D
M
F
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
E
12 120 A
A
C
X
X
X
X
X
C
M
M
D
M
F
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
E
15 150 A
A
C
X
X
X
X
X
C
M
M
D
M
F
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
E
18 180 A
A
C
X
X
X
X
X
C
M
M
D
M
F
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
E
22 220 A
A
C
X
X
X
X
X
C
M
M
D
M
F
C
C
C
C
C
C
C
E
C
C
C
C
C
C
C
E
27 270 A
A
C
X
X
X
X
X
C
M
M
D
M
F
C
C
C
C
C
C
C
E
C
C
C
C
F
C
C
E
33 330 A
A
C
X
X
X
D
M
C
M
M
D
M
F
C
C
C
C
C
C
C
F
C
C
C
C
F
C
C
E
39 390 A
A
C
X
X
X
D
M
C
M
M
D
M
F
C
C
C
C
C
C
C
F
C
C
C
C
F
C
C
E
47 470 A
A
C
X
X
C
D
M
C
M
M
D
M
F
C
C
C
C
C
C
C
C
C
C
C
C
F
C
C
E
56 560 A
A
C
X
X
C
C
C
C
M
M
C
C
F
C
C
C
C
C
C
C
C
C
C
C
F
C
C
F
68 680 A
A
C
X
X
C
C
C
C
M
M
C
C
F
C
C
C
C
C
C
C
C
C
C
C
F
C
C
F
82 820 X
X
X
X
X
C
C
C
C
M
M
C
C
F
C
C
C
C
C
C
C
C
C
C
C
F
C
C
F
100 101 X
X
X
X
X
C
C
C
C
M
C
C
C
F
C
C
C
C
C
F
F
C
C
C
C
F
C
C
F
120 121 C
C
C
X
X
C
E
E
C
M
C
C
C
F
C
C
C
C
C
F
F
C
C
C
C
F
C
C
G
150 151 C
C
C
X
X
C
E
E
C
M
C
E
E
F
C
C
C
F
F
F
F
C
C
C
C
F
C
C
G
180 181 C
C
C
X
X
E
E
E
C
M
E
E
E
F
C
C
C
F
F
F
F
C
C
C
C
F
F
F
220 221 C
C
C
X
X
E
E
E
C
M
E
E
E
F
C
C
C
F
F
F
F
C
C
C
C
F
F
F
270 271 C
C
C
C
M
E
E
E
C
M
E
E
E
G
C
F
C
F
F
F
F
C
C
C
C
F
F
F
330 331 C
C
C
C
M
E
E
E
C
M
E
E
E
C
F
F
F
F
F
F
C
C
C
F
F
F
F
390 391 C
C
C
C
M
E
E
E
C
M
E
E
E
C
F
F
F
F
F
F
C
C
C
F
F
F
F
470 471 C
C
C
M
E
E
E
C
M
E
E
E
C
F
F
F
F
F
F
C
C
F
F
F
F
F
560 561 C
C
C
C
E
C
M
E
E
E
C
F
F
F
F
F
C
C
F
F
F
F
F
680 681 C
C
C
C
E
C
M
E
F
E
C
F
F
F
F
C
C
F
F
F
G
G
750 751 C
C
E
E
E
C
M
E
G
E
C
F
F
F
F
C
C
F
F
F
G
G
820 821 C
C
E
E
E
C
M
E
G
E
C
F
F
E
F
C
C
F
F
F
G
G
1000 102
C
E
E
E
C
C
E
F
F
C
F
F
E
F
C
C
F
F
F
G
G
1200 122
C
E
E
E
C
C
E
F
C
F
F
E
F
C
C
F
E
E
1500 152
C
E
E
C
C
F
G
E
F
F
F
C
C
F
F
F
1800 182
C
E
E
C
C
G
G
E
F
F
F
C
C
F
G
F
2200 222
C
E
E
E
C
G
E
F
F
C
C
E
G
G
2700 272
E
E
E
C
G
E
F
F
C
C
E
G
G
3300 332
E
E
E
C
G
E
F
F
C
C
F
G
3900 392
E
E
C
G
E
F
C
C
F
4700 472
E
E
C
E
F
C
C
G
5600 562
E
E
E
E
F
C
C
G
6800 682
E
F
F
C
C
8200 822
F
F
E
C
Cap (pF)
0.010 103
F
F
E
C
0.012 123
G
F
F
0.015 153
G
G
0.018 183
G
G
0.022 223
F
0.027 273
G
0.033 333
G
0.047 473
0.056 563
0.068 683
0.100 104
0.12 124
0.15 154
0.18 184
0.22 224
0.27 274
0.33 334
Voltage (V)
600 630 1000 600 630 1000 1500 2000 600 630 1000 1500 2000 3000 600 630 1000 1500 2000 2500 3000 4000 600 630 1000 1500 2000 2500 3000 4000
Case Size
0805
1206
1210
1808
1812
Letter
A
C
E
F
G
X
7
Max.
Thickness
0.813
(0.032)
1.448
(0.057)
1.8034
(0.071)
2.2098
(0.087)
2.794
(0.110)
0.940
(0.037)
3.30
(0.130)
NOTE: Contact factory for non-specified capacitance values
NP0 (C0G) Dielectric
Performance Characteristics
Capacitance Range
10 pF to 0.100 μF (25°C, 1.0 ±0.2 Vrms at 1kHz, for ≤ 1000 pF use 1 MHz)
Capacitance Tolerances
±5%, ±10%, ±20%
Dissipation Factor
0.1% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz, for ≤ 1000 pF use 1 MHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ±30 ppm/°C (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - μF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - μF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
NPO (C0G) CAPACITANCE RANGE – PREFERRED SIZES ARE SHADED
051619



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com