Electronic Components Datasheet Search
  English  ▼

X  

XRD8785 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD8785
Description  CMOS 8-Bit High Speed Analog-to-Digital Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD8785 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD8785 Datasheet HTML 3Page - Exar Corporation XRD8785 Datasheet HTML 4Page - Exar Corporation XRD8785 Datasheet HTML 5Page - Exar Corporation XRD8785 Datasheet HTML 6Page - Exar Corporation XRD8785 Datasheet HTML 7Page - Exar Corporation XRD8785 Datasheet HTML 8Page - Exar Corporation XRD8785 Datasheet HTML 9Page - Exar Corporation XRD8785 Datasheet HTML 10Page - Exar Corporation XRD8785 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
XRD8785
7
Rev. 3.00
PERFORMANCECHARACTERISTICS
Graph 1. DNL vs. Code
Graph 2. INL vs. Code
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
Code
Vdd = 5.0V
Vrt = 2.6V
Vrb = 0.6V
Fs = 15MHz
Ta = 25
oC
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
Code
Vdd = 5.0V
Vrt = 2.6V
Vrb = 0.6V
Fs = 15MHz
Ta = 25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com