Electronic Components Datasheet Search
  English  ▼

X  

N366-03M Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N366-03M
Description  Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/SC), 3M (10-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N366-03M Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N366-03M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N366-03M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
INPUT
Cable Length (ft.)
9.8
Cable Length (m)
3
Cable Length (in.)
118.1
PHYSICAL
Cable Jacket Rating
LSZH
Color
Yellow
Shipping Dimensions (hwd / cm)
22.86 x 17.78 x 1.27
Shipping Dimensions (hwd / in.)
9.00 x 7.00 x 0.50
Shipping Weight (kg)
0.03
Shipping Weight (lbs.)
0.07
CONNECTIONS
Side A - Connector 1
LC DUPLEX (MALE)
Side B - Connector 1
SC DUPLEX (MALE)
FEATURES & SPECIFICATIONS
Technology
Singlemode
SPECIAL FEATURES
Push/Pull Tabs
No
CERTIFICATIONS
Approvals
FDDI and OFNR rated
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com