Electronic Components Datasheet Search
  English  ▼

X  

STGP7NC60HD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP7NC60HD
Description  N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NC60HD Datasheet(HTML) 4 Page - STMicroelectronics

  STGP7NC60HD Datasheet HTML 1Page - STMicroelectronics STGP7NC60HD Datasheet HTML 2Page - STMicroelectronics STGP7NC60HD Datasheet HTML 3Page - STMicroelectronics STGP7NC60HD Datasheet HTML 4Page - STMicroelectronics STGP7NC60HD Datasheet HTML 5Page - STMicroelectronics STGP7NC60HD Datasheet HTML 6Page - STMicroelectronics STGP7NC60HD Datasheet HTML 7Page - STMicroelectronics STGP7NC60HD Datasheet HTML 8Page - STMicroelectronics STGP7NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STGP7NC60HD - STGF7NC60HD - STGB7NC60HD
4/15
Table 10: Collector-Emitter Diode
Symbol
Parameter
Test Condiction
Min.
Typ.
Max.
Unit
Vf
Forward On-Voltage
If = 3.5 A
If = 3.5 A, Tj = 125 °C
1.3
1.1
1.9
V
V
trr
ta
Qrr
Irrm
S
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Softness factor of the diode
If = 7 A, VR = 40 V,
Tj = 25 °C, di/dt = 100 A/µs
37
22
40
2.1
0.68
ns
ns
nC
A
trr
ta
Qrr
Irrm
S
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Softness factor of the diode
If = 7 A, VR = 40 V,
Tj = 125 °C, di/dt = 100 A/µs
61
34
98
3.2
0.79
ns
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com