Electronic Components Datasheet Search
  English  ▼

X  

ES51918 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ES51918
Description  11,000 Counts Auto DMM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES51918 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES51918 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES51918 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
v1.02
05/06/30
7
ES51918
11,000 Counts Auto DMM
1.1.3 HCF signal detection
ES51918 provides detection of high-crest-factor (HCF) signal in ACV mode. When this
function is enabled, ES51918 senses the signal and determines it as HCF if the Vpp is
large enough. Once the signal is determined as HCF, ES51918 will jump up one
measuring range regardless of current measurement value. It takes 60ms to jump one
range up. The jumping up process will continue until the maximum range is reached.
With HCF detection, a more accurate result could be obtained. For example, when a
input signal with Vpp=500V, Vrms=100V(CF=5) was applied, traditional 4000 counts
DMMs might stay at 400V range but shows counts with the amount of error up to 10%
or even bigger. The error rises from limited input/output swing at internal ADC. With
HCF detection, DMM will stay at 4000V and exhibits more accurate results.
In addition to accuracy improvement, HCF will speed up the measuring process for
high voltage signals. For example, a 1000Vrms is applied, ES51918 will take about
180ms (3 HCF jumps) to enter 1100.0 V range. And it takes 1 or 2 measuring processes
to obtain the stable result. Thus a stable LCD reading could be obtained within 1 sec.
In determining whether the input signal is HCF, ES51918 senses the signal at VR1 for
fast response. However if a signal consists of a small ac part and a large enough dc part,
ES51918 might incorrectly treat it as HCF. This could incur range looping phenomenon,
i.e., the measurement could not settle to a specific range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com