Electronic Components Datasheet Search
  English  ▼

X  

TL705 Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # TL705
Description  Digital Multimeters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TL705 Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  TL705 Datasheet HTML 1Page - TEKTRONIX, INC. TL705 Datasheet HTML 2Page - TEKTRONIX, INC. TL705 Datasheet HTML 3Page - TEKTRONIX, INC. TL705 Datasheet HTML 4Page - TEKTRONIX, INC. TL705 Datasheet HTML 5Page - TEKTRONIX, INC. TL705 Datasheet HTML 6Page - TEKTRONIX, INC. TL705 Datasheet HTML 7Page - TEKTRONIX, INC. TL705 Datasheet HTML 8Page - TEKTRONIX, INC. TL705 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Datasheet
Characteristics
General Specifications
Voltage
Characteristic
Description
100V Setting
90 V to 110 V
120V Setting
108 V to 132 V
220V Setting
198 V to 242 V
240V Setting
216V to 264V
Frequency
47 Hz to 440 Hz
Power Consumption
15 VA peak (10 W average)
Dimensions
Dimension
mm
in.
Height
88
3.46
Width
217
8.56
Depth
297
11.7
Weight
kg
lb.
Net
2.1
4.6
Display
Vacuum Fluorescent Display, segment
Environment
Characteristic
Description
Temperature
Operating
0 °C to 50 °C
Storage
–40 °C to 70 °C
Warm Up
½ hour to full uncertainty specifications
Relative Humidity (noncondensing)
Operating
Uncontrolled (<10 °C)
<90% (10°Cto 28°C)
<75% (28°Cto 40°C)
<45% (40°Cto 50°C)
Storage
<95% (–40 °C to 70 °C)
Altitude
Operating
2,000 meters
Storage
12,000 meters
Vibration
Complies with MIL-PRF-28800F Class 3
Safety
Complies with IEC 61010-1:2001, ANSI/ISA 61010-1
(S82.02.01):2004, UL 61010-1:2004, CAN/CSA C22.2
No. 61010.1:2004, CAT I 1000V / CAT II 600 V
EMC
DesignedtocomplywithIEC
61326-1:1997+A1:1998+A2:2000
Triggering
Characteristic
Description
Trigger Delay
400 ms
External Trigger Delay
<2 ms
External Trigger Jitter
<1 ms
Trigger Input
TTL Levels
Trigger Output
5Vmax
Math Functions
Min/Max, relative, hold, compare, and dB functions
Multiple Measurement Combinations
Primary Function
Secondary
Function
DC V
AC V
DC I
AC I
FREQ
OHMS
DC V
XX
XX
AC V
XX
XXX
DC I
XX
XX
AC I
XX
XX
FREQ
XX
OHMS
X
Electrical
Characteristic
Description
Input Protection
1000 V all ranges
Overrange
10% on the largest ranges of all functions except
continuity and diode test
Remote Interfaces
RS-232C (RS-232 to USB Adapter cable included)
Warranty
Three years
4 www.tektronix.comdmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com