Electronic Components Datasheet Search
  English  ▼

X  

54HC04 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC04
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC04 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC04_V01 Datasheet HTML 1Page - Silicon Supplies 54HC04_V01 Datasheet HTML 2Page - Silicon Supplies 54HC04_V01 Datasheet HTML 3Page - Silicon Supplies 54HC04_V01 Datasheet HTML 4Page - Silicon Supplies 54HC04_V01 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
d 
High Speed CMOS Logic – 54HC04
Rev 1.0
22/04/19
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Pad 14 = VCC
Pad 7 = GND
 
Logic Diagram
Truth Table
INPUTS
A
OUTPUT
Y
H
L
L
H
H = High level (steady state)
L = Low level (steady state)
 
COORDINATES (mm)
PAD
FUNCTION
X
Y
11
12
13
14
10
1
1A
0.112
0.555
2
1Y
0.112
0.2705
3
2A
0.3815
0.12
4
2Y
0.5535
0.12
5
3A
0.7365
0.12
6
3Y
1.047
0.12
7
GND
1.047
0.4445
8
4Y
1.047
0.798
9
4A
1.047
0.967
10
5Y
0.802
1.085
11
5A
0.5295
1.085
12
6Y
0.338
1.085
13
6A
0.112
0.967
14
VCC
0.112
0.7835
CONNECT CHIP BACK TO VCC OR FLOAT
1300µm (51.18 mils)
DIE ID
1
2
3
4
5
6
7
8
9
0,0
Page 2 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com