Electronic Components Datasheet Search
  English  ▼

X  

54HC164 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC164
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC164 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC164 Datasheet HTML 1Page - Silicon Supplies 54HC164 Datasheet HTML 2Page - Silicon Supplies 54HC164 Datasheet HTML 3Page - Silicon Supplies 54HC164 Datasheet HTML 4Page - Silicon Supplies 54HC164 Datasheet HTML 5Page - Silicon Supplies 54HC164 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
High Speed CMOS Logic – 54HC164
 
8-Bit Serial-Input / Parallel-Output Shift Register in bare die form
Rev 1.0
24/11/17
 
 
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
 
 
CMOS High Noise Immunity
Function compatible with 54LS164
 
 
Full Military Temperature Range.
 
 
 
 
 
 
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
The 54HC164 is fabricated using a 2.5µm 5V CMOS
process and has the same high speed performance of
LSTTL combined with CMOS low power consumption. The
device consists of x2 serial data inputs, A and B, provided
so that one input can be used as a data enable. Data is
entered on each rising edge of the clock. A LOW on the
master reset input (CLR) clears the register, forcing all
outputs LOW, independent of other inputs. Inputs are
compatible with standard CMOS outputs and LSTTL via use
of pull-up resistors. All inputs are equipped with protection
circuits against static discharge & transient excess voltage.
 
Description
Die Dimensions in µm (mils)
1060 (41)
 
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
 
 
 
 
 
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
 
 
 
 
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Die Size (Unsawn)
1060 x 1370
41 x 54
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 3.94
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 54HC164

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
54HC164 FUMAN-54HC164 Datasheet
310Kb / 7P
8 bit serial in and out shift register
logo
Silicon Supplies
54HC164 SS-54HC164 Datasheet
464Kb / 6P
High Speed CMOS Logic
54HC164 SS-54HC164 Datasheet
331Kb / 6P
High Speed CMOS Logic
Rev 1.0 24/11/17
54HC164 SS-54HC164_V01 Datasheet
331Kb / 6P
High Speed CMOS Logic
Rev 1.0 24/11/17
More results

Similar Description - 54HC164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com