Electronic Components Datasheet Search
  English  ▼

X  

54HC164 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54HC164
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC164 Datasheet(HTML) 5 Page - Silicon Supplies

  54HC164 Datasheet HTML 1Page - Silicon Supplies 54HC164 Datasheet HTML 2Page - Silicon Supplies 54HC164 Datasheet HTML 3Page - Silicon Supplies 54HC164 Datasheet HTML 4Page - Silicon Supplies 54HC164 Datasheet HTML 5Page - Silicon Supplies 54HC164 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
AC Electrical Characteristics5
High Speed CMOS Logic – 74HC164
Rev 1.0
24/11/17
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
175
220
220
3.0V
100
150
150
4.5V
35
44
44
Maximum
Propagation Delay,
CLR to Q
tPHL
6.0V
CL = 50pF,
tr = tf = 6ns
30
37
37
ns
2.0V
75
95
95
3.0V
27
32
32
4.5V
15
19
19
Maximum
Output Transition time,
Any Output
tTLH, tTHL
6.0V
CL = 50pF,
tr = tf = 6ns
13
16
16
ns
Maximum
Input Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance Per Gate
6
CPD
-
TJ = 25°C,
VCC =5.0V
180
pF
 
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Timing Requirements5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
25
35
35
3.0V
15
20
20
4.5V
7
8
8
Minimum
Setup Time,
A or B to Clock
tsu
6.0V
tr = tf = 6ns
5
6
6
ns
2.0V
3
3
3
3.0V
3
3
3
4.5V
3
3
3
Minimum
Hold Time,
Clocl to A or B
th
6.0V
tr = tf = 6ns
3
3
3
ns
2.0V
3
3
3
3.0V
3
3
3
4.5V
3
3
3
Minimum
Recovery Time,
Reset Inactive to Clock
trec
6.0V
tr = tf = 6ns
3
3
3
ns
2.0V
50
60
60
3.0V
26
35
35
4.5V
12
15
15
Minimum
Pulse Width,
Clock
tw
6.0V
tr = tf = 6ns
10
12
12
ns
2.0V
1000
1000
1000
3.0V
800
800
800
4.5V
500
500
500
Maximum
Input Rise & Fall Times
tr, tf
6.0V
tr = tf = 6ns
400
400
400
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com