Electronic Components Datasheet Search
  English  ▼

X  

74LS164 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 74LS164
Description  Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LS164 Datasheet(HTML) 3 Page - Silicon Supplies

  74LS164 Datasheet HTML 1Page - Silicon Supplies 74LS164 Datasheet HTML 2Page - Silicon Supplies 74LS164 Datasheet HTML 3Page - Silicon Supplies 74LS164 Datasheet HTML 4Page - Silicon Supplies 74LS164 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Power Schottky Logic – 74LS164
Rev 1.0
24/11/17
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VCC
4.75
5.25
V
High-Level Input Voltage
VIH
2
-
V
Low-Level Input Voltage
VIL
-
0.8
V
High-Level Output Current
IOH
-
-0.4
mA
Low-Level Output Current
IOL
-
8
mA
Clock Frequency
fclock
0
25
MHz
Pulse Width – Clock or Clear
tw
20
-
ns
Setup time – A or B to Clock
tsu
15
-
ns
Recovery Time
trec
5
-
ns
Operating Temperature Range
TJ
-40
+85
°C
Recommended Operating Conditions
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage
VCC
7.0
V
DC Input Voltage
VIN
7.0
V
Storage Temperature Range
TSTG
-65 to 150
°C
1.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum High-Level
Input Voltage
VIH
-
2
-
-
V
Maximum Low-Level
Input Voltage
VIL
-
-
-
0.8
V
Input Clamp Diode
Voltage
VIK
VCC = MIN
IIN = -18mA
-
-
-1.5
V
Output Voltage High
VOH
VCC = MIN, IOH = -0.4mA
VIH = 2V, VIL = MAX
2.7
3.5
-
V
Output Voltage Low
VOL
VCC = MIN,
VIH = 2V,
VIL = MAX
IOL = 8mA
-
0.35
0.5
V
 
2. All typical values
@ VCC = 5V, TJ = 25°C.
DC Electrical Characteristics2 T
J = -40°C to 85°C unless otherwise specified



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com