Electronic Components Datasheet Search
  English  ▼

X  

CD4030B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4030B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4030B Datasheet(HTML) 1 Page - Silicon Supplies

  CD4030B Datasheet HTML 1Page - Silicon Supplies CD4030B Datasheet HTML 2Page - Silicon Supplies CD4030B Datasheet HTML 3Page - Silicon Supplies CD4030B Datasheet HTML 4Page - Silicon Supplies CD4030B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 CMOS High Voltage Logic – CD4030B
 
Quadruple Exclusive-OR Gate Logic IC in bare die form
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1900 x 1850
75 x 73
µm
mils
Minimum Bond Pad Size
106 x 106
4.17 x 4.17
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
High Input Voltage up to 20V
Noise immunity greater than 50%
All outputs buffered
Drives x2 Low-Power TTL loads or x1 LSTTL load
Symmetrical Sink & Source Currents
Direct drop-in replacement for obsolete
components in long term programs.  
Rev 1.0
15/03/18
Description
Features:
The CD4030B Quad Exclusive OR Gate is fabricated
using a 3µm 15CMOS process. This device consists of
four independent Exclusive OR gates and performs the
Boolean functions Y = A ⊕ B = AB + AB in positive
logic. The device has equal source and sink current
capabilities and conforms to standard B series output
drive. Inputs are protected against ESD and voltage
transients by diode clamps to VDD and VSS.
Ordering Information
Die Dimensions in µm (mils)
1900 (75)
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - CD4030B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
CD4030B TI1-CD4030B Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
logo
Silicon Supplies
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
295Kb / 5P
CMOS High Voltage Logic
Rev 1.0 15/03/18
logo
Texas Instruments
CD4030B TI2-CD4030B Datasheet
971Kb / 20P
CMOS Quad Exclusive-OR Gate
Revised September 2003
More results

Similar Description - CD4030B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
CD4081B SS-CD4081B Datasheet
517Kb / 4P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com