Electronic Components Datasheet Search
  English  ▼

X  

LMB162ABC-1 Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB162ABC-1
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB162ABC-1 Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMB162ABC-1 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABC-1 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABC-1 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABC-1 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABC-1 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABC-1 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABC-1 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABC-1 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABC-1 Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TOPWAY
LCD Module User Manual
LMB162ABC-1
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB162ABC-1-Manual-Rev0.2.DOC
Page: 7 of 11
4. Function Specifications
4.1
Basic Setting
To drive the LCD module correctly and provide normally display, please use the following setting
-
N=1, 2-line display
-
F=0, 5x8 dots font
-
D=1, display on
Note:
*1. These setting/commands should issue to the LCD module while start up.
*2. See the Display Commands section for details.
4.2
Resetting the LCD module
When turning on the VDD and VSS power supply, LCD module will execute the reset routine
automatically. It takes about 50ms. After the reset routine, the LCD module status will be as follow:
-
Display clear
-
DL=1,
8-bit interface
-
N=0,
1-line display
-
F=0,
5x8 dot character font
-
D=0,
Display off
-
C=0,
Cursor off
-
B=0,
Blinking off
-
I/D=1,
Increment by 1
-
S=0,
No shift
Note:
*1. Reset routine could not generate the Basic Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com