Electronic Components Datasheet Search
  English  ▼

X  

3048292 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3048292
Description  UK 5-MTK-P/P RD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3048292 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3048292 Datasheet HTML 1Page - PHOENIX CONTACT 3048292 Datasheet HTML 2Page - PHOENIX CONTACT 3048292 Datasheet HTML 3Page - PHOENIX CONTACT 3048292 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 25, 2011
Extract from the online
catalog
 
UK 5-MTK-P/P RD
Order No.: 3048292
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3048292
 
 
Disconnect and test disconnect terminal block, Connection
type: Screw connection, Cross section:  0.2 mm² - 4 mm²,
AWG: 24 - 12, Nominal current: 16 A, Nominal voltage: 500 V,
Color: red
 
Commercial data
GTIN (EAN)
4
017918
949181
Note
Made-to-order
sales group
A030
Pack
50 pcs.
Customs tariff
85369010
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CSA, CUL, PRS, UL


Similar Part No. - 3048292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3048290 PHOENIX-3048290 Datasheet
230Kb / 7P
UK 16 N-FE - Feed-through terminal block
More results

Similar Description - 3048292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800004 PHOENIX-2800004 Datasheet
147Kb / 6P
UKK 5-MTK-P/P
2800334 PHOENIX-2800334 Datasheet
105Kb / 5P
UKK 5-MTK-P/P-DIO/OL-U
3004032 PHOENIX-3004032 Datasheet
129Kb / 6P
UK 5-MTK-P/P
3004058 PHOENIX-3004058 Datasheet
145Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P BU
3004430 PHOENIX-3004430 Datasheet
81Kb / 2P
UK 5-MTK
3029538 PHOENIX-3029538 Datasheet
141Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P OG
3048810 PHOENIX-3048810 Datasheet
70Kb / 4P
Knife disconnect terminal block - UDK 4-MTK-P/P RD
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
3004087 PHOENIX-3004087 Datasheet
167Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P MIT SPERRE
09/12/2020
3074279 PHOENIX-3074279 Datasheet
171Kb / 14P
Knife disconnect terminal block - MTK-P/P RD
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com