Electronic Components Datasheet Search
  English  ▼

X  

DD40F Datasheet(PDF) 1 Page - SanRex Corporation

Part # DD40F
Description  DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD40F Datasheet(HTML) 1 Page - SanRex Corporation

  DD40F Datasheet HTML 1Page - SanRex Corporation DD40F Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD40F/KD40F
DIODE MODULE
80
±0.2
M5X10
92
20
20
20
2- 6
Unit
:a
Symbol
Item
Ratings
DD40F40
400
480
DD40F80
800
960
DD40F120
DD40F160
1200
1300
1600
1700
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
V
V
Symbol
Item
Average Forward Current
Conditions
Ratings
Unit
A
IF(AV)
Single phase, half wave, 180
°conduction, Tc:96℃
40
IF (RMS)
R.M.S. Forward Current
Single phase, half wave, 180
°conduction, Tc:96℃
62
A
IFSM
Surge Forward Current
1
/2 cycle, 50/60HZ, peak Value, non-repetitive
1200/1300
A
I2t
I2t
Value for one cycle of surge current
7200
A2S
VISO
Isolation Breakdown Voltage
(R.M.S.) A.C.1minute
2500
℃
Tj
Junction Temperature
−40 to +125
℃
Tstg
Storage Temperature
Mounting
Torque
−40 to +125
V
Mounting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
2.7
(28)
2.7
(28)
N
・m
(㎏f・B)
g
170
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
at VDRM, single phase, half wave. Tj
=125℃
Ratings
15
1.40
0.55
Unit
mA
VFM
Forward Voltage Drop, max.
Forward current 120A
,Tj=25℃,Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
Power Diode Module DD40F series are designed for various rectifier circuits. DD40F
has two diode chips connected in series in 25mm (1inch) width package and the mounting
base is elctrically isolated from elements for simple heatsink construction. Wide voltage
rating up to, 1,600V is avaiable for various input voltage.
●
Isolated mounting base
●
Two elements in a package for simple (single and three phase) bridge
connections
●
Highly reliable glass passivated chips
●
High surge current capability
(Applications)
Various rectifiers, Battery chargers, DC motor drives
UL;E76102
(M)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
3
2
1
1
DD
KD
3
2
SanRex
®


Similar Part No. - DD40F

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD40 REICU-DD40 Datasheet
903Kb / 1P
DC/DC CONVERTER
REV:15.1
DD40-12S05 REICU-DD40-12S05 Datasheet
903Kb / 1P
DC/DC CONVERTER
REV:15.1
DD40-12S12 REICU-DD40-12S12 Datasheet
903Kb / 1P
DC/DC CONVERTER
REV:15.1
DD40-12S15 REICU-DD40-12S15 Datasheet
903Kb / 1P
DC/DC CONVERTER
REV:15.1
DD40-12S24 REICU-DD40-12S24 Datasheet
903Kb / 1P
DC/DC CONVERTER
REV:15.1
More results

Similar Description - DD40F

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Naina Semiconductor ltd...
25NDD NAINA-25NDD Datasheet
121Kb / 2P
Diode - Diode Module
56NDD NAINA-56NDD Datasheet
121Kb / 2P
Diode - Diode Module
100NDD NAINA-100NDD Datasheet
137Kb / 2P
Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
Diode - Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com