Electronic Components Datasheet Search
  English  ▼

X  

DD40F40 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DD40F40
Description  DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD40F40 Datasheet(HTML) 2 Page - SanRex Corporation

  DD40F40 Datasheet HTML 1Page - SanRex Corporation DD40F40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD40F/KD40F
Maximum Forward Characteristics
Forward Voltage Drop(V)
5
5
5
2
2
0
10
3
10
2
10
1
3
2
1
4
5
Average Forward Current vs.
Power Dissipation
Average Forward Current(A)
0
30
40
70
50
80
60
20
10
0
10
20
60
30
70
40
80
50
Single Phase
Three Phase
Per one element
D.C.
Max.
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current(A)
130
110
120
100
60
80
90
50
70
0
10
20
80
30
70
40
60
50
Per one element
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
2
5
2
5
1600
1200
800
400
0
10
0
10
1
10
2
Per one element
T
j=25℃ start
60Hz
50Hz
Transient Thermal Impedance
Time
t(sec)
1.
0
0.
9
0.
8
0.
4
0.
5
0.
2
0.
1
0.
7
0.
6
0.
3
0
10
-3
10
-2
10
-1
10
4
10
0
10
1
10
2
10
3
Per one element
Junction to Case
Id(Av)
Output Current
Output Current(A)
120
125
110
100
90
20 40
100
80
60
0
40
80
0
120
B2;Two Pluse Bridge
connection
200
300
400
100
0
Ambient Temperature(℃)
B2
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Id(AV)
Output Current
Output Current(A)
B6;Six pulse Bridge
connection
Ambient Temperature(℃)
0
110
120
125
100
90
0
40
80
20 40
100
80
60
120
200
400
100
300
0
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
B6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com