Electronic Components Datasheet Search
  English  ▼

X  

LMB164ADC Datasheet(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB164ADC
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB164ADC Datasheet(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMB164ADC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB164ADC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB164ADC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB164ADC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB164ADC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB164ADC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB164ADC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMB164ADC Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMB164ADC Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TOPWAY
LCD Module User Manual
LMB164ADC
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB164ADC-Manual-Rev0.2.DOC
Page: 9 of 11
4.4.2
Display Data RAM (DDRAM)
ROM Characters (Character Code = 10h ~ FFh) could be written into DDRAM for displaying the
Character (5x8 dots font). User-defined Characters (Character Code = 00h ~ 07h) stored in
CGRAM could also be use. Calling Character Code 08h ~ 0Fh will call out User-defined
Characters 00h ~ 07h respectively.
DDRAM Address (Lower 4-bit)
DDRAM
Address
(Upper 4-bit)
00h
01h
02h
03h
0Ch
0Dh
0Eh
0Fh
00h
40h
01h
50h
DDRAM Address Map
Note:
*1. The mapping is based on top view of the LCD module
*2. N=1, 2-line display
*3. F=0, 5x8 dots font
*4. D=1, display on
16 x 4 Characters
(5x8 dots font)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com