Electronic Components Datasheet Search
  English  ▼

X  

LMB202DBC Datasheet(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB202DBC
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB202DBC Datasheet(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMB202DBC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DBC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DBC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DBC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DBC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DBC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DBC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DBC Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DBC Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TOPWAY
LCD Module User Manual
LMB202DBC
4.4.2
Display Data RAM (DDRAM)
ROM Characters (Character Code = 10h ~ FFh) could be written into DDRAM for displaying the
Character (5x8 dots font). User-defined Characters (Character Code = 00h ~ 07h) stored in
CGRAM could also be use. Calling Character Code 08h ~ 0Fh will call out User-defined
Characters 00h ~ 07h respectively.
DDRAM Address
00h
01h
02h
03h
10h
11h
12h
13h
40h
41h
42h
43h
50h
51h
52h
53h
DDRAM Address
20 x 2 Characters
(5x8 dots font)
DDRAM Address Map
Note:
*1. The mapping is based on top view of the LCD module
*2. N=1, 2-line display
*3. F=0, 5x8 dots font
*4. D=1, display on
4.4.3
Character Code Rom
Please refer to ST7066U-0A Data sheet
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB202DBC-Manual-Rev0.2.DOC
Page: 9 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com