Electronic Components Datasheet Search
  English  ▼

X  

LMB204CDC Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB204CDC
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB204CDC Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMB204CDC Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMB204CDC Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMB204CDC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB204CDC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB204CDC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB204CDC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB204CDC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB204CDC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB204CDC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LMB204CDC
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB204CDC-Manual-Rev0.1.doc
Page: 4 of 11
1.4
Terminal Functions
Pin No.
Pin
Name
I/O
Descriptions
1
VSS
Power
Power supply, Ground (0V)
2
VDD
Power
Positive power supply
3
RS
Input
Register Select
RS=HIGH: transferring display data
RS=LOW: transferring instruction data
4
R/W
Input
Read / Write Control:
R/W=HIGH: Read mode selected
R/W=LOW: Write mode selected
5
E
Input
Data Enable
6
DB0
:
:
13
DB7
I/O
Bi-directional tri-state Data bus
In 8 bit mode, DB0 ~ DB7 are in use
In 4 bit mode, DB4 ~ DB7 are in use, DB0~DB3 leave open
14
BLA
Power
Backlight positive supply
15
BLK
Power
Backlight negative supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com