Electronic Components Datasheet Search
  English  ▼

X  

LPC47M14X Datasheet(PDF) 42 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 42 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 38Page - SMSC Corporation LPC47M14X Datasheet HTML 39Page - SMSC Corporation LPC47M14X Datasheet HTML 40Page - SMSC Corporation LPC47M14X Datasheet HTML 41Page - SMSC Corporation LPC47M14X Datasheet HTML 42Page - SMSC Corporation LPC47M14X Datasheet HTML 43Page - SMSC Corporation LPC47M14X Datasheet HTML 44Page - SMSC Corporation LPC47M14X Datasheet HTML 45Page - SMSC Corporation LPC47M14X Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 205 page
background image
SMSC DS – LPC47M14X
Page 42
Rev. 03/19/2001
Table 17 – Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
MT
Multi-Track
Selector
When set, this flag selects the multi-track operating mode. In this
mode, the FDC treats a complete cylinder under head 0 and 1 as a
single track. The FDC operates as this expanded track started at the
first sector under head 0 and ended at the last sector under head 1.
With this flag set, a multitrack read or write operation will
automatically continue to the first sector under head 1 when the FDC
finishes operating on the last sector under head 0.
N
Sector Size Code This specifies the number of bytes in a sector. If this parameter is
"00", then the sector size is 128 bytes.
The number of bytes
transferred is determined by the DTL parameter. Otherwise the
sector size is (2 raised to the "Nth" power) times 128. All values up
to "07" hex are allowable. "07"h would equal a sector size of 16k. It
is the user's responsibility to not select combinations that are not
possible with the drive.
N SECTOR SIZE
128 Bytes
256 Bytes
512 Bytes
1024 Bytes
…
…
07 16K Bytes
NCN
New Cylinder
Number
The desired cylinder number.
ND
Non-DMA Mode
Flag
Write ‘0’. This part does not support non-DMA mode.
OW
Overwrite
The bits D0-D3 of the Perpendicular Mode Command can only be
modified if OW is set to 1. OW id defined in the Lock command.
PCN
Present Cylinder
Number
The current position of the head at the completion of Sense Interrupt
Status command.
POLL
Polling Disable
When set, the internal polling routine is disabled. When clear, polling
is enabled.
PRETRK
Precompensation
Start Track
Number
Programmable from track 00 to FFH.
R
Sector Address
The sector number to be read or written. In multi-sector transfers,
this parameter specifies the sector number of the first sector to be
read or written.
RCN
Relative Cylinder
Number
Relative cylinder offset from present cylinder as used by the Relative
Seek command.
SC
Number of
Sectors Per Track
The number of sectors per track to be initialized by the Format
command. The number of sectors per track to be verified during a
Verify command when EC is set.
SK
Skip Flag
When set to 1, sectors containing a deleted data address mark will
automatically be skipped during the execution of Read Data. If Read
Deleted is executed, only sectors with a deleted address mark will be
accessed. When set to "0", the sector is read or written the same as
the read and write commands.
SRT
Step Rate Interval The time interval between step pulses issued by the FDC.
Programmable from 0.5 to 8 milliseconds in increments of 0.5 ms at
the 1 Mbit data rate. Refer to the SPECIFY command for actual
delays.
ST0
ST1
ST2
ST3
Status 0
Status 1
Status 2
Status 3
Registers within the FDC that store status information after a
command has been executed. This status information is available to
the host during the result phase after command execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com