Electronic Components Datasheet Search
  English  ▼

X  

C50 Datasheet(PDF) 2 Page - TP-Link Technologies Co., Ltd.

Part # C50
Description  Wireless Travel Router
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

C50 Datasheet(HTML) 2 Page - TP-Link Technologies Co., Ltd.

  C50 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Features
During Travel
· Router Mode - Instantly create a private
wireless network and share Internet access
with multiple Wi-Fi devices. Ideal for setup in
most hotels.
· Hotspot Mode - Enjoy wireless Internet
access by connecting to an outdoor WISP
Access Point.
Multiple Operating Modes
TL-WR902AC
AC750 Wireless Travel Router
Desktop
Laptop
Wired
Wireless
ADSL2+ Modem
TD-8816
Router Mode
Internet
AC1300 Wireless Dual Band USB Adapter
Archer T4U
AC1300 Wireless Dual Band USB Adapter
Archer T4U
TL-WR902AC
AC750 Wireless Travel Router
TL-WR902AC
AC750 Wireless Travel Router
Desktop
Laptop
Wired
Wireless
Hotspot Mode
Wireless ISP
(WISP)
Wi-Fi Speed
· Superior Wireless Speed -Combined
simultaneous wireless speeds of up to 733Mbps
on the 2.4GHz and 5GHz bands.
· 801.11ac Standard- Delivers data three times
faster than 802.11n on a single stream.
At home
· Range Extender Mode - Extend existing Wi-Fi
to improve signal strength and maximize
coverage.
· Client Mode - Allow devices that require a
wired connection to access an existing Wi-Fi
network.
· Access Point Mode - Create a wireless
network for Wi-Fi enabled devices.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com