Electronic Components Datasheet Search
  English  ▼

X  

ADSL2 Datasheet(PDF) 4 Page - TP-Link Technologies Co., Ltd.

Part # ADSL2
Description  Wireless Travel Router
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

ADSL2 Datasheet(HTML) 4 Page - TP-Link Technologies Co., Ltd.

  ADSL2 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. ADSL2 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. ADSL2 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. ADSL2 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. ADSL2 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Hardware Features
Wireless Features
Software
· Interface: 1 10/100Mbps WAN/LAN Port
1 USB Port
1 Reset Button, 1 WPS Button
Mode Switch
· Antenna: 2 × 2.4GHz Internal Antennas 1 × 5GHz Internal Antennas
· Dimensions (W x D x H): 9.1×5.7×1.5 in 77x67x22mm
Wireless Standards: IEEE 802.11ac/n/a 5GHz, IEEE 802.11b/g/n 2.4GHz
· Frequency: 2.4GHz and 5GHz
· Signal Rate: 300Mbps at 2.4GHz, 433Mbps at 5GHz
· Reception Sensitivity: 2.4G:135M:-70dBm@10%PER
65M:-73dBm@10%PER
54M:-76dBm@10%PER
6M: -89dBm@10% PER
5G: 135M: -68dBm@10% PER
65M: -71dBm@10% PER
54M: -75dBm@10% PER
6M: -91dBm@10% PER
· Transmit Power: CE:<20dBm(2.4GHz),<23dBm(5GHz)
· Wireless Modes: Router, Hotspot, Access Point/Range Extender/Client
· Wireless Functions: Enable/Disable Wireless Radio, WDS Bridge,
WMM,Wireless Statistics
· WAN Type: Dynamic IP/Static IP/PPPoE/PPTP(Dual Access)/L2TP(Dual
Access)/Bigpond
· DHCP: Server, Client, DHCP Client List, Address Reservation
· Quality of Service (QoS): WMM, Bandwidth Contro
Specications
Package Contents
· AC750 Wireless Travel Router TL-WR902AC
· Power Adapter
· RJ45 Ethernet Cable
· Quick Installation Guide
· Wi-Fi Info Card
· USB Power Cable
Certication
· CE, FCC,RoHS
System Requirements
· Microsoft Windows XP/Vista/7/8/8.1/10, MAC OS, UNIX or Linux
Environment
· Operating Temperature: 0°C ~ 40°C (32°F ~ 104°F)
· Storage Temperature: -25°F ~ 70°F (-13°C ~ 158°C )
· Operating Humidity: 10% ~ 90% non-condensing
· Storage Humidity: 5% ~ 90% non-condensing
Others
TL-WR902AC
AC750 Wireless Travel Router



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com