Electronic Components Datasheet Search
  English  ▼

X  

C50 Datasheet(PDF) 2 Page - TP-Link Technologies Co., Ltd.

Part # C50
Description  Wireless Dual Band Gigabit Router
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

C50 Datasheet(HTML) 2 Page - TP-Link Technologies Co., Ltd.

  C50 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. C50 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
· Fast Wireless Speed – Combined wireless speeds
up to 1.2Gbps at 2.4GHz & 5GHz band
concurrently
· Support 802.11 ac – Offering 3 times faster data
rate than 802.11n in a single stream
· 2 Dual Band Antennas – 2 dual band external
antennas provide maximum Omni-directional
wireless coverage
· Simultaneous Dual Band – Reduces interference
for more stable connections
· IP QoS – Advanced QoS automatically recognizes
& prioritizes streaming & gaming applications
Speed
Wi-Fi Range
Reliability
Features
AC1200 Wireless Dual Band Gigabit Router



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com