Electronic Components Datasheet Search
  English  ▼

X  

AC1900 Datasheet(PDF) 1 Page - TP-Link Technologies Co., Ltd.

Part # AC1900
Description  Touch Screen Wi-Fi Gigabit Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AC1900 Datasheet(HTML) 1 Page - TP-Link Technologies Co., Ltd.

  AC1900 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AC1900 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AC1900 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AC1900 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AC1900 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AC1900 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AC1900 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Highlights
· Game and Stream with AC1900 Speed – Stream 4K HD video and game
online without lag over dual 2.4GHz and 5GHz bands
· Intuitive Touchscreen Display – Effortlessly set up and manage your network
settings
· Superior Coverage – Maximizes Wi-Fi range with three external antennas with
high-powered ampliers
· Beamforming – Focuses Wi-Fi towards devices to form stronger connections
· 1GHz Dual-Core Processor – Handles multiple tasks at once without
interruption
· Multi-Purpose Design – Serves as a router, repeater, or access point
AC 1900
Touch Screen Wi-Fi Gigabit Router


Similar Part No. - AC1900

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 7P
Wireless Tri-Band Gigabit Router
More results

Similar Description - AC1900

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
TOUCH SCREEN
logo
TP-Link Technologies Co...
AC2300 TP-LINK-AC2300 Datasheet
2Mb / 7P
MU-MIMO Wi-Fi Router
AC2600 TP-LINK-AC2600 Datasheet
1Mb / 7P
MU-MIMO Wi-Fi Router
AC4000 TP-LINK-AC4000 Datasheet
1Mb / 9P
MU-MIMO Tri-Band Wi-Fi Router
AX6000 TP-LINK-AX6000 Datasheet
1Mb / 7P
AX6000 Next-Gen Wi-Fi Router
AC750 TP-LINK-AC750_V05 Datasheet
2Mb / 5P
AC750 Wi-Fi Travel Router
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
AX1500 TP-LINK-AX1500 Datasheet
1Mb / 7P
AX1500 Next-Gen Wi-Fi 6 Router
AX3000 TP-LINK-AX3000 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
Advantech Co., Ltd.
EKI-9502G ADVANTECH-EKI-9502G Datasheet
345Kb / 2P
EN50155 Train-To-Ground Wi-Fi/Cellular Router
26-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com