Electronic Components Datasheet Search
  English  ▼

X  

AX10 Datasheet(PDF) 3 Page - TP-Link Technologies Co., Ltd.

Part # AX10
Description  AX1500 Next-Gen Wi-Fi 6 Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX10 Datasheet(HTML) 3 Page - TP-Link Technologies Co., Ltd.

  AX10 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-Streams Wi-Fi offers connection at over 1 Gbps speed for newer mobile
devices, reducing wait time by 30% while downloading huge files including 4K
movies and games.
Every click you make, responds quicker. A 1.5 GHz triple-core CPU handles
data throughput up to multi-gigs and minimizes the latency withinyour
home network, delivering you a smooth experience.
Faster Wireless Connection
Powerful and Stable
Highlights
1201 Mbps
867 Mbps
Wi-Fi 5
5 GHz 2x2
Wi-Fi 6
5 GHz 2x2
38% Faster
1.5 GHz
Triple-Core CPU
1.5GHz
TP-Link AX1500 Next-Gen Wi-Fi 6 Router
AX10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com