Electronic Components Datasheet Search
  English  ▼

X  

AX3000 Datasheet(PDF) 6 Page - TP-Link Technologies Co., Ltd.

Part # AX3000
Description  Dual Band Gigabit Wi-Fi 6 Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX3000 Datasheet(HTML) 6 Page - TP-Link Technologies Co., Ltd.

  AX3000 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX3000 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX3000 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX3000 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX3000 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX3000 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX3000 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Hardware
· Ethernet Ports: One Gigabit WAN Port, four Gigabit LAN Ports
· USB Port: One Type A USB 3.0 Port
· Buttons: WPS/Wi-Fi Button, LED On/Off Button, Power On/Off Button,
Reset Button
· Antennas: Four External Antennas
· External Power Supply: 12V/2A
· Dimensions (W x D x H): 10.2 × 5.3 × 1.5 in (260.2 x 135.0 x 38.6 mm)
Wireless
· Wireless: 574 Mbps on 2.4 GHz (802.11ax) + 2402 Mbps on 5 GHz (802.11ax), compatible
with 802.11a/b/g/n/ac Wi-Fi standards
· Frequency: 2.4 GHz and 5 GHz
· Transmit Power:
CE: <20dBm(2.4 GHz), <23dBm(5.15 GHz~5.35 GHz); <30dBm(5.47 GHz~5.725 GHz)
FCC:<30dBm(2.4 GHz & 5.15 GHz~5.825 GHz)
· Reception Sensitivity:
5 GHz:
11a 6Mbps:-97dBm, 11a 54Mbps:-79dBm
11ac VHT20_MCS0:-96dBm, 11ac VHT20_MCS11:-66dBm
11ac VHT40_MCS0:-94dBm, 11ac VHT40_MCS11:-63dBm
11ac VHT80_MCS0:-91dBm, 11ac VHT80_MCS11:-60dBm
11ac VHT160_MCS0:-88dBm, 11ac VHT160_MCS11:-55dBm
11ax HE20_MCS0:-95dBm, 11ax HE20_MCS11:-63dBm
11ax HE40_MCS0:-92dBm, 11ax HE40_MCS11:-60dBm
11ax HE80_MCS0:-89dBm, 11ax HE80_MCS11:-58dBm
11ax HE160_MCS0:-85dBm, 11ax HE160_MCS11:-55dBm
2.4 GHz:
11g 6Mbps:-97dBm, 11a 54Mbps:-79dBm
11n HT20_MCS0:-97dBm, 11n HT20_MCS7:-78dBm
11n HT40_MCS0:-95dBm, 11n HT40_MCS7:-75dBm
11ac VHT20_MCS0:-96dBm, 11ac VHT20_MCS11:-67dBm
11ac VHT40_MCS0:-94dBm, 11ac VHT40_MCS11:-64dBm
11ax HE20_MCS0:-96dBm, 11ax HE20_MCS11:-64dBm
11ax HE40_MCS0:-93dBm, 11ax HE40_MCS11:-61dBm
· Wireless Function: Enable/Disable Wireless Radio, WMM, Wireless Statistics
· Wireless Security: 64/128-bit WEP, WPA/WPA2, WPA-PSK/WPA2-PSK encryptions
Specifications
Type A USB
3.0 port
Gigabit
WAN Port
Power
On/Off
Reset
Gigabit LAN
Ports
Power
WPS/
Wi-Fi
LED
TP-Link AX3000 Dual Band Gigabit Wi-Fi 6 Router
AX50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com