Electronic Components Datasheet Search
  English  ▼

X  

LTC1981 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1981
Description  Single and Dual Micropower High Side Switch Controllers in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1981 Datasheet(HTML) 7 Page - Linear Technology

  LTC1981 Datasheet HTML 1Page - Linear Technology LTC1981 Datasheet HTML 2Page - Linear Technology LTC1981 Datasheet HTML 3Page - Linear Technology LTC1981 Datasheet HTML 4Page - Linear Technology LTC1981 Datasheet HTML 5Page - Linear Technology LTC1981 Datasheet HTML 6Page - Linear Technology LTC1981 Datasheet HTML 7Page - Linear Technology LTC1981 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC1981/LTC1982
7
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
S5 Package
5-Lead Plastic SOT-23
(LTC DWG # 05-08-1633)
APPLICATIONS INFORMATION
S6 Package
6-Lead Plastic SOT-23
(LTC DWG # 05-08-1634)
0.95
(0.037)
REF
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
FIVE PLACES (NOTE 2)
S5 SOT-23 0599
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.60 – 3.00
(0.102 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
0.95
(0.037)
REF
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
SIX PLACES (NOTE 2)
S6 SOT-23 0898
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.6 – 3.0
(0.110 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
Figure 4. Reverse Battery Protection
VCC
GATE
SHDN
GND
GDR
LTC1981
LOAD
1981/82 F04
3V
VBAT
(1.8V TO 5V)
Si3442DV
10k
10k
0.1
µF
1
2
3
5
4
150
GATE
DRIVE
READY
Reverse Battery Protection
The LTC1981/LTC1982 can be protected against reverse
battery conditions by connecting a 150
Ω resistor in series
with the supply pin as shown in Figure 4. The resistor
limits the supply current to less than 24mA with –3.6V
applied. Because the LTC1981/LTC1982 draw very little
current while in normal operation, the drop across the
resistor is minimal. Control logic can be protected by
adding 10k resistors in series with the input pins.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com