Electronic Components Datasheet Search
  English  ▼

X  

AX104599 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX104599
Description  AX105300 Faceplates and Panels - Angled Patch Panel - KeyConnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX104599 Datasheet(HTML) 1 Page - Belden Inc.

  AX104599 Datasheet HTML 1Page - Belden Inc. AX104599 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
Angled Patch Panel, 24-port, 1U with 10GX RJ45 Coupler, Black
Image
Image:
Usage (Overall)
Suitable Applications:
- IBDN System 10GX, TIA Category 6A, 10GBASE-T
Related Parts:
- Compatible with 10GX Patch Cord and 10GX Pre-Terminated Cable Assemblies.
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
24 connectors
Access
Front Connection:
Angled
Termination Area:
Rear
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
1.750
19.000
10.440
Materials
Materials:
Description Material
Panel
Steel
Color
Color:
Black
Weight
Weight:
2.700 lbs.
Included Parts
Included Parts:
4 Screws (10x32); 4 Screws (12x24); 1 Printable LabelFlex Half-Sheet; 2 Label Holder; 2 Velcro Straps; 2
Rear Cable Management Bracket; 1 Bar.
Packaging
Packaging:
Individually packaged in a cardboard box.
Mechanical Characteristics (Connectivity)
Storage Temperature Range:
-40°C To +70°C
Page 1 of 2
03-13-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX105300 Faceplates and Panels - Angled Patch Panel - KeyConnect


Similar Part No. - AX104599

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX104599 BELDEN-AX104599 Datasheet
230Kb / 2P
AX105348 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104599 BELDEN-AX104599 Datasheet
232Kb / 2P
AX103254
AX104599 BELDEN-AX104599 Datasheet
225Kb / 2P
AX105364 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104599 BELDEN-AX104599 Datasheet
233Kb / 2P
AX105365 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104599 BELDEN-AX104599 Datasheet
228Kb / 2P
AX105301 Faceplates and Panels - Angled Patch Panel - KeyConnect
More results

Similar Description - AX104599

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103253 ETC2-AX103253 Datasheet
113Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
AX103255 ETC2-AX103255 Datasheet
116Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
logo
Belden Inc.
AX105365 BELDEN-AX105365 Datasheet
233Kb / 2P
AX105365 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105364 BELDEN-AX105364 Datasheet
225Kb / 2P
AX105364 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105348 BELDEN-AX105348 Datasheet
230Kb / 2P
AX105348 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105301 BELDEN-AX105301 Datasheet
228Kb / 2P
AX105301 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104592 BELDEN-AX104592 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
AX104571 BELDEN-AX104571 Datasheet
101Kb / 2P
AX104571 Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
AX104142 BELDEN-AX104142 Datasheet
112Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com