Electronic Components Datasheet Search
  English  ▼

X  

AX103249 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX103249
Description  Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX103249 Datasheet(HTML) 1 Page - Belden Inc.

  AX103249 Datasheet HTML 1Page - Belden Inc. AX103249 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
AngleFlex Patch Panel, 24-port, 1U, with 10GX RJ45 Coupler, Black
Usage (Overall)
Suitable Applications:
- IBDN System 10GX, TIA Category 6A, 10GBASE-T
Related Parts:
- Compatible with 10GX Patch Cord and 10GX Pre-Terminated Cable Assemblies.
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
24 connectors
Access
Front Connection:
Angled
Termination Area:
Rear
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
1.750
19.000
3.100
Materials
Materials:
Description Material
Panel
Steel
Color
Color:
Black
Weight
Weight:
3.820 lbs.
Included Parts
Included Parts:
4 Screws (10x32); 4 Screws (12x24); 1 Printable LabelFlex Half-Sheet; 2 Velcro Straps; 2 Rear Cable
Management Bracket, 1 Installation Guide
Packaging
Packaging:
Individually packaged in a cardboard box.
Mechanical Characteristics (Connectivity)
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/10/2008
MII Order #39 (China RoHS):
Yes
Safety Listing:
Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Notes (Overall)
Notes: For proper installation refer to Installation Guide PX104673 included with the product or visit our web site at http://www.belden.com/pdfs/Techpprs/InstallationGuide.pdf
Notes (Cont'd.):
Refer to AX104024 for the Specifications of the Couplers.
Page 1 of 2
03-13-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX104569 Faceplates and Panels - AngleFlex Patch Panel - KeyConnect


Similar Part No. - AX103249

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX103249 BELDEN-AX103249 Datasheet
101Kb / 2P
AX104571 Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
More results

Similar Description - AX103249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103253 ETC2-AX103253 Datasheet
113Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
AX103255 ETC2-AX103255 Datasheet
116Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
logo
Belden Inc.
AX105365 BELDEN-AX105365 Datasheet
233Kb / 2P
AX105365 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105364 BELDEN-AX105364 Datasheet
225Kb / 2P
AX105364 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105348 BELDEN-AX105348 Datasheet
230Kb / 2P
AX105348 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105301 BELDEN-AX105301 Datasheet
228Kb / 2P
AX105301 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104592 BELDEN-AX104592 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
AX104571 BELDEN-AX104571 Datasheet
101Kb / 2P
AX104571 Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
AX104142 BELDEN-AX104142 Datasheet
112Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
AX104141 BELDEN-AX104141 Datasheet
108Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com