Electronic Components Datasheet Search
  English  ▼

X  

AX103256 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX103256
Description  Faceplates and Panels - 10GX Ultra-High Density PP- UHD Style
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX103256 Datasheet(HTML) 1 Page - Belden Inc.

  AX103256 Datasheet HTML 1Page - Belden Inc. AX103256 Datasheet HTML 2Page - Belden Inc. AX103256 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
10GX Ultra-High Density Patch Panel, 48-port, 1U, Titanium
Usage (Overall)
Suitable Applications:
IBDN System 10GX, TIA Category 6A, ISO Class EA, 10GBASE-T
Related Parts:
10GX Modular Cords
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
48 connectors ( Patch panel is already loaded )
Access
Front Connection:
Flush
Termination Area:
Rear
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
1.750
19.000
1.360
Materials
Materials:
Description Material
Panel
Steel
Color
Color:
Titanium
Weight
Weight:
1.900 lbs.
Included Parts
Included Parts:
4 Screws (10x32); 4 Screws (12x24); 1 Printable LabelFlex Half-Sheet; 2 Velcro Straps; 2 cable
management bars ;1 Installation Guide; 1 kit 10GX X-BAR
Packaging
Packaging:
Individually packaged in a cardboard box.
Mechanical Characteristics (Connectivity)
Plug / Jack Compatibility:
RJ45
Termination Interface:
Termination Connection
Durabilities
Rear
IDC Connection
10 Insertions
Front
Mated Connection 750 Cycles
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Tool Compatibility:
Gigaflex Connecting Tool (AX100749)
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/10/2008
MII Order #39 (China RoHS):
Yes
Telecommunications Standards:
Category 6A - TIA 568.B.2-10, ISO/IEC 11801:2002 Amendment 2
Page 1 of 3
07-31-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103264 Faceplates and Panels - 10GX Ultra-High Density PP- UHD Style


Similar Part No. - AX103256

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX103256 BELDEN-AX103256 Datasheet
113Kb / 3P
AX103256 Faceplates and Panels - 10GX Patch Panel - KeyConnect
AX103256 BELDEN-AX103256 Datasheet
110Kb / 3P
AX103254 Faceplates and Panels - 10GX Patch Panel - KeyConnect
AX103256 BELDEN-AX103256 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
AX103256 BELDEN-AX103256 Datasheet
112Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
AX103256 BELDEN-AX103256 Datasheet
108Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
More results

Similar Description - AX103256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103260 ETC2-AX103260 Datasheet
109Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
AX103713 ETC2-AX103713 Datasheet
98Kb / 3P
Faceplates and Panels - FiberExpress Ultra Cassette
AX103821 ETC2-AX103821 Datasheet
106Kb / 3P
Faceplates and Panels - FiberExpress Ultra Cassette
logo
Belden Inc.
RVAPPF2U48XX BELDEN-RVAPPF2U48XX Datasheet
639Kb / 3P
RVAPPF2U48XX Faceplates and Panels - 10GX REVConnect Patch Panel, Flat 2U48-Port
RVAPPF1U24XX BELDEN-RVAPPF1U24XX Datasheet
133Kb / 3P
RVAPPF1U24XX Faceplates and Panels - 10GX REVConnect Patch Panel, Flat 1U24-Port
RVAPPA1U24XX BELDEN-RVAPPA1U24XX Datasheet
137Kb / 3P
Faceplates and Panels - 10GX REVConnect Patch Panel, Angled 1U24-Port
AX104142 BELDEN-AX104142 Datasheet
112Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
AX104141 BELDEN-AX104141 Datasheet
108Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
AX103256 BELDEN-AX103256 Datasheet
113Kb / 3P
AX103256 Faceplates and Panels - 10GX Patch Panel - KeyConnect
AX103254 BELDEN-AX103254 Datasheet
110Kb / 3P
AX103254 Faceplates and Panels - 10GX Patch Panel - KeyConnect
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com