Electronic Components Datasheet Search
  English  ▼

X  

MM74HCT573WM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HCT573WM
Description  TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HCT573WM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HCT573WM Datasheet HTML 1Page - National Semiconductor (TI) MM74HCT573WM Datasheet HTML 2Page - National Semiconductor (TI) MM74HCT573WM Datasheet HTML 3Page - National Semiconductor (TI) MM74HCT573WM Datasheet HTML 4Page - National Semiconductor (TI) MM74HCT573WM Datasheet HTML 5Page - National Semiconductor (TI) MM74HCT573WM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10627
PRELIMINARY
February 1990
MM54HCT573MM74HCT573
TRI-STATE
Octal D-Type Latch
MM54HCT574MM74HCT574
TRI-STATE Octal D-Type Flip-Flop
General Description
The MM54HCT573MM74HCT573 octal D-type latches and
MM54HCT574MM74HCT574 Octal D-type flip flops ad-
vanced silicon-gate CMOS technology which provides the
inherent benefits of low power consumption and wide power
supply range but are LS-TTL input and output characteristic
pin-out compatible The TRI-STATE outputs are capable
of driving 15 LS-TTL loads All inputs are protected from
damage due to static discharge by internal diodes to VCC
and ground
When the MM54HCT573MM74HCT573 LATCH ENABLE
input is high the Q outputs will follow the D inputs When
the LATCH ENABLE goes low data at the D inputs will be
retained at the outputs until LATCH ENABLE returns high
again When a high logic level is applied to the OUTPUT
CONTROL input all outputs go to a high impedance state
regardless of what signals are present at the other inputs
and the state of the storage elements
The MM54HCT574MM74HCT574 are positive edge trig-
gered flip-flops Data at the D inputs meeting the setup and
hold time requirements are transferred to the Q outputs on
positive going transitions of the CLOCK (CK) input When a
high logic level is applied to the OUTPUT CONTROL (OC)
input all outputs go to a high impedance state regardless
of what signals are present at the other inputs and the state
of the storage elements
MM54HCTMM74HCT devices are intended to interface be-
tween TTL and NMOS components and standard CMOS
devices These parts are also plug in replacements for LS-
TTL devices and can be used to reduce power consumption
in existing designs
Features
Y
TTL input characteristic compatible
Y
Typical propagation delay 18 ns
Y
Low input current 1 mA maximum
Y
Low quiescent current 80 mA maximum
Y
Compatible with bus-oriented systems
Y
Output drive capability 15 LS-TTL loads
Connection Diagram
Dual-In-Line Package
TLF10627 – 1
Top View
Order Number MM54HCT573 or MM74HCT573
TLF10627 – 2
Top View
Order Number MM54HCT574 or MM74HCT574
Please look into Section 8 Appendix D for availability of various package types
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HCT573WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT573WM FAIRCHILD-MM74HCT573WM Datasheet
98Kb / 8P
Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
MM74HCT573WM FAIRCHILD-MM74HCT573WM Datasheet
114Kb / 9P
Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573WM ONSEMI-MM74HCT573WM Datasheet
222Kb / 11P
Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results

Similar Description - MM74HCT573WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
Octal D-Type Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com