Electronic Components Datasheet Search
  English  ▼

X  

PM7342 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7342
Description  32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7342 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7342 Datasheet HTML 1Page - PMC-Sierra, Inc PM7342 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM7342
Preliminary
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
S/UNI®-IMA-32
PMC-2001523 (p5)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2002
FEATURES
IMA
• Supports up to 32 T1, E1, G.SHDSL or
unchannelized links and up to 32 IMA
groups with 1 to 32 links/group.
• Link and Group State Machines
implemented on-chip requiring no real
time software in the data path.
• Fully compliant with the ATM Forum
Inverse Multiplexer for ATM (IMA)
1.1 specification and backward
compatible to IMA 1.0.
• Supports both independent transmit
clock (ITC) and common transmit clock
(CTC) modes.
• Supports all IMA Group Symmetry
modes: Symmetric/Asymmetric
configuration and operation.
• Differential delay tolerance of 279 ms
(for T1 links) and 226 ms (for E1 links).
• Performs IMA differential delay
calculation and synchronization.
• Provides programmable limit on
allowable differential delay and
minimum number of links per group.
• Performs ICP and stuff-cell insertion
and removal.
• Supports IMA frame length (M) equal
to 32, 64, 128, or 256.
• Provides IMA layer statistic counts and
alarms for support of IMA Performance
and Failure Alarm Monitoring and MIB
support.
• Provides per link counters for statistics
and performance monitoring.
UNI
• Each link is software configurable as
either a UNI or part of an IMA group.
• Performs receive cell Header Error
Check (HEC) checking and transmit
cell HEC generation.
• Optionally supports receive cell
payload unscrambling and transmit cell
payload scrambling.
• Provides TC layer statistics counts and
alarms for MIB support.
ATM OVER FRACTIONAL T1/E1
• Supports ATM over Fractional T1/E1
compliant with the ATM Forum
AF-PHY-0130.00 specification.
LINE INTERFACE
• 32 T1, E1, G.SHDSL or unchannelized
links via 2-pin line interfaces.
• Supports a 19.44 MHz Scalable Band-
width Interconnect (SBI) bus interface for
seamless interconnect to the PM8315
TEMUX and PM8316 TEMUX-84.
• SBI supports two Synchronous
Payload Envelopes (SPE). Each SPE
can carry up to 16 T1s or 16 E1s.
UTOPIA / ANY-PHY INTERFACE
• Supports 8- and 16-bit UTOPIA L2 and
Any-PHY cell interfaces at clock rates
up to 52 MHz.
• Any-PHY transmit slave appears as a
32 port multi-PHY. The PHY-ID of
each cell is identified using in-band
addressing.
• Any-PHY receive slave appears as a
single device. The PHY-ID of each cell
is identified using in-band addressing.
• UTOPIA L2 transmit and receive slave
appears as a 31-port multi-PHY.
• UTOPIA L2 receive slave can also
appear as a single port with the logical
port provided as a prepend.
TC Layer
(RTTC32)
INSBI
EXSBI
De-
Framer
(SDDF32)
TC Layer
(TTTC32)
Rx IMA
Protocol
Processor
(RIPP)
IDCC
32-chan
x 7 cell
FIFO
(MCFD)
32-chan
x
3 cell
FIFO
Tx IMA Processor
(TIMA)
Any-PHY/
UTOPIA
Tx Slave
(TXAPS)
Any-PHY/
UTOPIA
Rx Slave
(RXAPS)
31
chan
4 cell
FIFO
MicroProcess I/F
JTAG
IDCC
DLL
32-chan
x 2 cell
FIFO
Null
Framer
(SDFR32)
Tx Slave
ATM I/F
Rx Slave
ATM I/F
SBI Drop Bus I/F
32 Clk/Data
RCAS
TCAS
Internal Bus
Rx IMA
Data Processor
(RDAT)
Cell Writer
Cell Reader
Memory Interface
(MEMI)
RCLK
RADR[4:0]
RENB
RPA
RCSB
RSOP
RSX
RDAT[15:0]
RPRTY
TCLK
TADR[10:0]
TENB
TPA
TCSB
TSOP
TSX
TDAT[15:0]
TPRTY
DC1FP
DPL
DDP
DDATA[7:0]
DV5
AC1FP
ADATA[7:0]
ADP
APL
AV5
AJUST_REQ
AACTIVE
ADETECT
SBI Add Bus I/F
TSCLK[31:0]
TSDATA[31:0]
32 Clk/Data
RSCLK[31:0]
RSDATA[31:0]
CTSCLK
BLOCK DIAGRAM


Similar Part No. - PM7342

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7340 PMC-PM7340 Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7340-PI PMC-PM7340-PI Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7341 PMC-PM7341 Datasheet
3Mb / 413P
S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PM7345 PMC-PM7345 Datasheet
74Kb / 2P
SATURN User Network Interface for PDH Applications
More results

Similar Description - PM7342

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7340 PMC-PM7340 Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7341 PMC-PM7341 Datasheet
3Mb / 413P
S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
Octal IMA/UNI PHY Device
MT90221 MITEL-MT90221 Datasheet
304Kb / 114P
Quad IMA/UNI PHY Device
logo
Integrated Device Techn...
IDT82V2616 IDT-IDT82V2616 Datasheet
511Kb / 99P
INVERSE MULTIPLEXING FOR ATM
IDT82V2608 IDT-IDT82V2608 Datasheet
1Mb / 98P
INVERSE MULTIPLEXING FOR ATM
logo
M/A-COM Technology Solu...
28529-DSH-001-K MA-COM-28529-DSH-001-K Datasheet
2Mb / 309P
Inverse Multiplexing for ATM (IMA) Family
28529-DSH-001-K MA-COM-28529-DSH-001-K_15 Datasheet
2Mb / 309P
Inverse Multiplexing for ATM (IMA) Family
logo
Renesas Technology Corp
IDT82V2604 RENESAS-IDT82V2604 Datasheet
1Mb / 98P
INVERSE MULTIPLEXING FOR ATM
December 4, 2006
IDT82V2608 RENESAS-IDT82V2608 Datasheet
1Mb / 99P
INVERSE MULTIPLEXING FOR ATM
December 4, 2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com