Electronic Components Datasheet Search
  English  ▼

X  

MM74HCT574WM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HCT574WM
Description  TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HCT574WM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM74HCT574WM Datasheet HTML 1Page - National Semiconductor (TI) MM74HCT574WM Datasheet HTML 2Page - National Semiconductor (TI) MM74HCT574WM Datasheet HTML 3Page - National Semiconductor (TI) MM74HCT574WM Datasheet HTML 4Page - National Semiconductor (TI) MM74HCT574WM Datasheet HTML 5Page - National Semiconductor (TI) MM74HCT574WM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics MM54HCT574MM74HCT574
VCCe50V tretfe6nsTAe25 C (unless otherwise specified)
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Clock Frequency
60
33
MHz
tPHL tPLH
Maximum Propagation Delay
CLe45 pF
17
27
ns
to Output
tPZH tPZL
Maximum Enable Propagation Delay
CLe45 pF
19
28
ns
Control to Output
RLe1kX
tPHZ tPLZ
Maximum Disable Propagation Delay
CLe5pF
14
25
ns
Control to Output
RLe1kX
tW
Minimum Clock Pulse Width
15
ns
tS
Minimum Setup Time Data to Clock
12
ns
tH
Minimum Hold Time Clock to Data
5
ns
AC Electrical Characteristics MM54HCT574MM74HCT574
VCCe50V g10% tretfe6 ns (unless otherwise specified)
TAe25 C
74HCT
54HCT
Symbol
Parameter
Conditions
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
fMAX
Maximum Clock Frequency
33
28
23
MHz
tPHL tPLH Maximum Propagation Delay
CLe50 pF
18
30
38
45
ns
Clock to Output
tPZH tPZL Maximum Enable Propagation
CLe50 pF
22
30
38
45
ns
Delay Control to Output
RLe1kX
tPHZ tPLZ Maximum Disable Propagation
CLe50 pF
15
30
38
45
ns
Delay Control to Output
RLe1kX
tTHL tTLH Maximum Output Rise and Fall Time
CL e 50 pF
6
12
15
18
ns
tW
Minimum Clock Pulse Width
15
20
24
ns
tS
Minimum Setup Time Data to Clock
6
12
15
18
ns
tH
Minimum Hold Time Clock to Data
b
15
6
8
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum Output Capacitance
20
20
20
pF
CPD
Power Dissipation Capacitance (Note 5) OCeVCC
5pF
OCeGND
58
pF
Note 5
CPD determines the no load power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC fa ICC
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com