Electronic Components Datasheet Search
  English  ▼

X  

STB55NF03L-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB55NF03L-1
Description  N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF03L-1 Datasheet(HTML) 1 Page - STMicroelectronics

  STB55NF03L-1 Datasheet HTML 1Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 2Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 3Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 4Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 5Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 6Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 7Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 8Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
March 2002
.
STP55NF03L
STB55NF03L STB55NF03L-1
N-CHANNEL 30V - 0.01
Ω - 55A TO-220/D2PAK/I2PAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.01 Ω
s
OPTIMIZED FOR HIGH SWITCHING
OPERATIONS
s
LOW GATE CHARGE
s
LOGIC LEVEL GATE DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
LOW VOLTAGE DC-DC CONVERTERS
s
HIGH CURRENT, HIGH SWITCHING SPEED
s
HIGH EFFICIENCY SWITCHING CIRCUITS
TYPE
VDSS
RDS(on)
ID
STP55NF03L
STB55NF03L
STB55NF03L-1
30 V
30 V
30 V
<0.013
Ω
<0.013
Ω
<0.013
Ω
55 A
55 A
55 A
1
2
3
TO-220
1
3
D2PAK
TO-263
I2PAK
TO-262
1
2
3
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
55
A
ID
Drain Current (continuous) at TC = 100°C
39
A
IDM(•)
Drain Current (pulsed)
220
A
Ptot
Total Dissipation at TC = 25°C
80
W
Derating Factor
0.53
W/°C
Tstg
Storage Temperature
-60 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C


Similar Part No. - STB55NF03L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
01-Oct-2000
logo
Inchange Semiconductor ...
STB55NF03L ISC-STB55NF03L Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB55NF03L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
01-Oct-2000
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001
STP55NF06L STMICROELECTRONICS-STP55NF06L Datasheet
454Kb / 12P
N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET™ I POWER MOSFET
Aug-2002
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
STP55NF06L STMICROELECTRONICS-STP55NF06L_06 Datasheet
337Kb / 15P
N-channel 60V - 0.014Ω - 55A TO-220/D2PAK/I2PAK STripFET??II Power MOSFET
27-Nov-2006
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com